Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8745 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8745
Description  Satellite sound receiver with I2C-bus control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8745 Datasheet HTML 14Page - NXP Semiconductors TDA8745 Datasheet HTML 15Page - NXP Semiconductors TDA8745 Datasheet HTML 16Page - NXP Semiconductors TDA8745 Datasheet HTML 17Page - NXP Semiconductors TDA8745 Datasheet HTML 18Page - NXP Semiconductors TDA8745 Datasheet HTML 19Page - NXP Semiconductors TDA8745 Datasheet HTML 20Page - NXP Semiconductors TDA8745 Datasheet HTML 21Page - NXP Semiconductors TDA8745 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1996 Mar 11
18
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
Table 19 Bits DEM1 and DEM0; De-emphasis; note 1;
see Fig.5
Notes
1. Different de-emphasis characteristics can be selected,
to adjust for different main channel audio carriers.
2. In most cases the de-emphasis needed for main
channel carriers is 50
µs.
3. The NR is to be used with the 75
µs setting for
standard secondary channels.
Table 20 Bit BPFN; Band-Pass Filter Not; note 1
Note
1. To avoid interference by the video signal, the incoming
baseband signal is filtered. If this filtering is not
required the filter can be switched off.
DEM1
a2
DEM0
a1
DE-EMPHASIS
0
0
no de-emphasis (flat)
0
1
J17
10
50
µs(2)
11
75
µs [por](3)
BPFN
a0
DESCRIPTION
0
mixer input signal filtered by BPF
(after POR)
1
mixer input signal is not filtered
Slave transmitter mode (bits transmitted from
TDA8745 to microcontroller)
Table 21 Bit PDL; Presence Detector Left; note 1
Note
1. Bit PDL (r7) transmits the current status of the left
channel presence detector. When PDL = 1, no carrier
is found at the currently selected frequency. If bit
PDM (s3) = 0 the left channel audio is muted.
Table 22 Bit PDR; Presence Detector Right; note 1
Note
1. Bit PDR (r6) transmits the current status of the right
channel presence detector. When PDR = 1, no carrier
is found at the currently selected frequency. If bit
PDM (s3) = 0 the right channel audio is muted.
PDL
r7
DESCRIPTION
0
carrier detected at left channel
1
no carrier detected at left channel
PDR
r6
DESCRIPTION
0
carrier detected at right channel
1
no carrier detected at right channel
Table 23 Bit POR; Power-On Reset; note 1
Note
1. At switching on, or after a power dip on the I2C-bus supply voltage (VP2), an internal signal is generated which resets
the I2C-bus registers to a pre-defined state. If bit POR (r0) = 1, such a situation has occurred since the last time the
read byte was read. After reading, the bit is reset to logic 0.
Table 24 Bits r5 to r1
POR
r0
DESCRIPTION
0
normal operation
1
POR generated; power dip detected since last read of POR bit
−
r5
−
r4
−
r3
−
r2
−
r1
DESCRIPTION
11111
These bits have no function. Although their state is fixed, the microcontroller
should not rely on this because of eventual future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com