Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8745 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8745
Description  Satellite sound receiver with I2C-bus control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8745 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8745 Datasheet HTML 17Page - NXP Semiconductors TDA8745 Datasheet HTML 18Page - NXP Semiconductors TDA8745 Datasheet HTML 19Page - NXP Semiconductors TDA8745 Datasheet HTML 20Page - NXP Semiconductors TDA8745 Datasheet HTML 21Page - NXP Semiconductors TDA8745 Datasheet HTML 22Page - NXP Semiconductors TDA8745 Datasheet HTML 23Page - NXP Semiconductors TDA8745 Datasheet HTML 24Page - NXP Semiconductors TDA8745 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1996 Mar 11
21
Philips Semiconductors
Preliminary specification
Satellite sound receiver with I2C-bus control
TDA8745
AC CHARACTERISTICS
All voltages referenced to ground (pins 6, 10, 14 and 32); in accordance with the block diagram (see Fig.1);
VP1 =VP2 =5V; VP3 =12V; Tamb =25 °C; fmod = 1 kHz; ∆fM = 46 kHz; ∆fS1 = ∆fS2 = 27 kHz (reference levels);
fOM = 10.7 MHz; fOS1 = 10.7 MHz; fOS2 = 10.52 MHz; IF level at pins 9, 11, 13, 15, 7 and8=20mV (RMS value) and
SFE 10.7MJA (narrow), SFE 10.52MJA (narrow) and SFE 10.7MS3 (wide) ceramic filters; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Band-pass filter, mixer and buffer
Ri
input resistance
10
12.5
15
k
Ω
Vi(rms)
baseband input voltage (RMS value)
note 1
−−
200
mV
V3
1 dB compression point (RMS value)
∆V3 −∆V5 = 1 dB; note 2
−
180
−
mV
Hl/Hh
filter transfer at 200 kHz
with respect to 7.3 MHz
−−−60
dB
Hlm/Hh
filter transfer at 2 MHz
with respect to 7.3 MHz
−−28
−20
dB
Hmh/Hh
filter transfer at 5.3 MHz
with respect to 7.3 MHz
−2
+2+4dB
Hh*A
filter transfer at 7.3 MHz and
mixer amplification
15
17
19
dB
Hh*C
filter transfer at 7.3 MHz and
mixer conversion gain
note 3
10
12
14
dB
Io(p)
mixer output current (peak)
5
7
−
mA
Ro
mixer output resistance
f = 10.7 MHz; note 4
−
12
30
Ω
Charge pump, buffer amplifier and VCO
t
repetition time of charge pump pulses
−
50
−µs
SVCO
VCO sensitivity
note 5
−−9
−
MHz/V
fVCO
VCO frequency
Vloopf = 2.6 V
−
35.4
−
MHz
Crystal oscillator (4 MHz)
fxtal
crystal oscillator frequency
−
4
−
MHz
Rxtal
resonance resistance of crystal
−−
60
Ω
Cxtal
parallel capacitance of crystal
−
4.5
10
pF
Ii(p)
input current from external 4 MHz
source (peak)
note 6
50
−−µA
IF inputs (pins 9, 11, 13, 15, 7 and 8) and limiters
VIN-1 to IN-6(rms)
input sensitivity (RMS value)
S/N(A) = 40 dB;
∆fS = 27 kHz; NR = on;
de-emphasis = 75
µs
−
0.3
1
mV
S/N(A) = 40 dB;
∆f
M = 46 kHz; NR = off;
de-emphasis = 50
µs
−
0.8
2
mV
Vi1 to Vi6
input signal
THD
≤ 0.5%
−−
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com