Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8760K/4
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8760K/4 Datasheet HTML 3Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 4Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 5Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 9Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 10Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1996 Sep 12
7
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
−0.3
+7.0
V
VCCD
digital supply voltage
−0.3
+7.0
V
VCCO
output supply voltage
−0.3
+7.0
V
∆V
CC1
supply voltage difference between
VCCA and VCCD
−0.5
+0.5
V
∆VCC2
supply voltage difference between
VCCO and VCCD
−0.5
+0.5
V
∆VCC3
supply voltage difference between
VCCA and VCCO
−0.5
0.5
V
VI
input voltage
referenced to AGND
0.3
VCCA
V
VI(p-p)
input voltage for differential clock
drive (peak-to-peak value)
−
VCCD
V
IO
output current
−
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
0
+70
°C
Tj
junction temperature
−
+150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
Thermal resistance from junction to ambient in free air
TDA8760K/4
35 K/W
TDA8760K/2
46 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com