Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/4 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA8760K/4
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/4 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA8760K/4 Datasheet HTML 16Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 17Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 18Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 19Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 20Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 21Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 22Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 23Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1996 Sep 12
20
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
handbook, full pagewidth
MGA980
7
8
9
10
11
12
13
14
15
16
17
18 19 20 21 22 23 24 25 26 27 28
TDA8760
6
5432
1
44 43 42 41 40
39
38
37
36
35
34
32
31
30
29
33
D2
D3
D4
D5
D6
D7
D8
D9 (MSB)
D1
D0 (LSB)
100 nF
5 V
100 nF
output format select
chip select input
5 V
100 nF
5 V
100 nF
100 nF
100 nF
CLK
(1)
100 nF
100 nF
5 V
5 V
100 nF
IN
IN
R2
(2)
R1
(2)
100
nF
(3)
100
nF
(3)
3 V 4.5 V
IN
100
nF
single
analog
input
Fig.12 Application diagram for differential input mode using an input transformer.
The analog, digital and output supplies should be separated and decoupled.
(1) Differential clock signals can be applied if required.
(2) R1 and R2 must be determined in order to obtain 3.4 V at the transformer; see Table 1.
Adaptation with the single input signal impedance must be taken care of.
(3) VrefH and VrefL must be decoupled to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com