Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/4 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8760K/4
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/4 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8760K/4 Datasheet HTML 6Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 7Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 8Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 9Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 10Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 11Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 12Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 13Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1996 Sep 12
10
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
Switching characteristics
CLOCK FREQUENCY fclk (note 1; see Fig.3)
fclk(min)
minimum clock frequency
−−
1
MHz
fclk(max)
maximum clock frequency
TDA8760K/4
40
−−
MHz
TDA8760K/2
20
−−
MHz
tCPH
clock pulse width HIGH
note 7
10
−−
ns
tCPL
clock pulse width LOW
8
−−
ns
Analog signal processing in differential input mode; see Table 1; 50% clock duty factor;
VI(p-p) =VrefH − VrefL = 1.5 V
LINEARITY
ILE
DC integral linearity error
fclk = 4 MHz
−±1.0
±2.0
LSB
DLE
DC differential linearity error
fclk = 4 MHz
−±0.6
±1.0
LSB
AILE
AC integral linearity error
note 3
−±1.2
±2.0
LSB
OFE
offset error
VCCA =VCCD =VCCO =5V;
VI = VI; Tamb =25 °C;
output code = 511
−3
−
+3
LSB
GE
gain error; amplitude spread
between devices
VCCA =VCCD =VCCO =5V;
Tamb =25 °C;
VrefH − VrefL = 1.5 V
−10
−
+10
LSB
BANDWIDTH (fclk =40MHZ); note 9
B
Analog bandwidth
−1dB
−
140
−
MHz
−3dB
−
220
−
MHz
HARMONICS (fclk =40MHZ); see Figs 6, 8 and 9
f1
fundamental harmonics
(full scale)
fi = 4.43 MHz
−−
0dB
fall
harmonics (full scale);
all components
fi = 4.43 MHz
second harmonics
−−70
−63
dB
third harmonics
−−70
−63
dB
THD
total harmonic distortion
fi = 4.43 MHz; note 2
−−65
−60
dB
SIGNAL-TO-NOISE RATIO; notes 4 and 5; see Figs 6, 8 and 9
SNR
signal-to-noise ratio
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz; Tamb =25 °C
54
56
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com