Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8760K/4 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8760K/4
Description  10-bit high-speed analog-to-digital converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8760K/4 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8760K/4 Datasheet HTML 18Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 19Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 20Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 21Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 22Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 23Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 24Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 25Page - NXP Semiconductors TDA8760K/4 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1996 Sep 12
22
Philips Semiconductors
Product specification
10-bit high-speed analog-to-digital
converter
TDA8760
PACKAGE OUTLINE
UNIT
A
A
min.
max.
max.
max. max.
1
A4
bp
E (1)
(1)
(1)
eHE
Z
y
w
v
β
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
16.66
16.51
1.27
17.65
17.40
0.51
2.16
45
o
0.18
0.10
0.18
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.01 inches maximum per side are not included.
SOT187-2
D(1)
16.66
16.51
HD
17.65
17.40
E
Z
2.16
D
b1
0.81
0.66
k
1.22
1.07
k 1
0.180
0.165
0.020
0.12
A3
0.25
0.01
0.656
0.650
0.05
0.695
0.685
0.020
0.085
0.007 0.004
0.007
Lp
1.44
1.02
0.057
0.040
0.656
0.650
0.695
0.685
eE
eD
16.00
14.99
0.630
0.590
16.00
14.99
0.630
0.590
0.085
0.032
0.026
0.048
0.042
29
39
44
1
6
717
28
18
40
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k1
k
X
y
e
E
B
D
H
E
e
E
H
v M B
D
Z D
A
Z E
e
v M A
pin 1 index
112E10
MO-047AC
0
5
10 mm
scale
95-02-25
97-12-16
inches
PLCC44: plastic leaded chip carrier; 44 leads
SOT187-2
D
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com