Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79574JC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79574JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574JC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79574JC Datasheet HTML 1Page - Advanced Micro Devices AM79574JC Datasheet HTML 2Page - Advanced Micro Devices AM79574JC Datasheet HTML 3Page - Advanced Micro Devices AM79574JC Datasheet HTML 4Page - Advanced Micro Devices AM79574JC Datasheet HTML 5Page - Advanced Micro Devices AM79574JC Datasheet HTML 6Page - Advanced Micro Devices AM79574JC Datasheet HTML 7Page - Advanced Micro Devices AM79574JC Datasheet HTML 8Page - Advanced Micro Devices AM79574JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SLIC Products
5
ABSOLUTE MAXIMUM RATINGS
Storage temperature ......................... –55
°C to +150°C
VCC with respect to AGND/DGND...... –0.4 V to +7.0 V
VEE with respect to AGND/DGND ...... +0.4 V to –7.0 V
VBAT with respect to AGND/DGND ..... +0.4 V to –70 V
Note: Rise time of VBAT (dv/dt) must be limited to 27 V/µs or
less when QBAT bypass = 0.33 µF.
BGND with respect to AGND/DGND.. +1.0 V to –3.0 V
A(TIP) or B(RING) to BGND:
Continuous..................................... –70 V to +1.0 V
10 ms (f = 0.1 Hz) .......................... –70 V to +5.0 V
1
µs (f = 0.1 Hz) .............................. –90 V to +10 V
250 ns (f = 0.1 Hz) ........................ –120 V to +15 V
Current from A(TIP) or B(RING)
....................... ±150 mA
Voltage on RINGOUT ........ BGND to 70 V above QBAT
Voltage on TESTOUT ........ BGND to 70 V above QBAT
Current through relay drivers ............................. 60 mA
Voltage on ring-trip inputs
(DA and DB) ......................................... VBAT to 0 V
Current into ring-trip inputs
.................................. ±10 mA
Peak current into regulator
Switch (L pin) .............................................. 150 mA
Switcher transient peak off
Voltage on L pin ............................................+1.0 V
C4–C1, E1, CHCLK to
AGND/DGND ....................... –0.4 V to VCC + 0.4 V
Maximum power dissipation, (see note) ...... TA = 70°C
In 32-pin PLCC package.............................. 1.74 W
Note: Thermal limiting circuitry on-chip will shut down the
circuit at a junction temperature of about 165
°C. The device
should never be exposed to this temperature. Operation
above 145
°C junction temperature may degrade device
reliability. See the SLIC Packaging Considerations for more
information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient temperature ............................. 0
°C to +70°C*
VCC ..................................................... 4.75 V to 5.25 V
VEE.................................................. –4.75 V to –5.25 V
VBAT ...................................................... –40 V to –58 V
AGND/DGND.......................................................... 0 V
BGND with respect to
AGND/DGND ........................ –100 mV to +100 mV
Load Resistance on VTX to ground............. 10 k
Ω min
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
* Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40
°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com