Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79574JC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79574JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574JC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79574JC Datasheet HTML 6Page - Advanced Micro Devices AM79574JC Datasheet HTML 7Page - Advanced Micro Devices AM79574JC Datasheet HTML 8Page - Advanced Micro Devices AM79574JC Datasheet HTML 9Page - Advanced Micro Devices AM79574JC Datasheet HTML 10Page - Advanced Micro Devices AM79574JC Datasheet HTML 11Page - Advanced Micro Devices AM79574JC Datasheet HTML 12Page - Advanced Micro Devices AM79574JC Datasheet HTML 13Page - Advanced Micro Devices AM79574JC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Am79574 Data Sheet
SWITCHING WAVEFORMS
Notes:
1. Unless otherwise noted, test conditions are BAT = –48 V, VCC = +5 V, VEE = –5 V, RL = 600 Ω, CHP = 0.22 µF,
RDC1 = RDC2 = 20 kΩ, CDC = 0.1 µF, Rd = 51.1 kΩ, no fuse resistors, two-wire AC output impedance, programming impedance
(ZT) = 600 kΩ resistive, receive input summing impedance (ZRX) = 300 kΩ resistive. (See Table 2 for component formulas.)
2. Overload level is defined when THD = 1%.
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes that the two-wire AC load impedance
matches the impedance programmed by ZT.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. These tests are performed with a longitudinal impedance of 90
Ω and metallic impedance of 300 Ω for frequencies below
12 kHz and 135
Ω for frequencies greater than 12 kHz. These tests are extremely sensitive to circuit board layout.
6. This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by characterization.
7. When the SLIC is in the anti-sat 2 operating region, this parameter is degraded. The exact degradation depends on system
design. The anti-sat 2 region occurs at high loop resistances when
V
BAT – VAX – VBX is less than 14 V.
8. Midpoint is defined as the connection point between two 300
Ω series resistors connected between A(TIP) and B(RING).
9. Fundamental and harmonics from 256 kHz switch-regulator chopper are not included.
10. Calculate loop-current limit using the following equations:
E1 to DET*
E0 to DET
E1*
E0
DET
tshdd
tshd0
tgkdd
tgkd0
Notes:
*
E1 is internally connected to a logical 0.
1. All delays measured at 1.4 V level.
DET*
E1*
tgkde
tshde
tgkde
tshde
In OHT state:
In Active state:
I
LIMI T
0.5
V
APPA RENT
R
FEED
--------------------------------------
=
I
LIMI T
0.8
V
APP AREN T
R
FEED
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com