Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79574JC Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79574JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574JC Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79574JC Datasheet HTML 8Page - Advanced Micro Devices AM79574JC Datasheet HTML 9Page - Advanced Micro Devices AM79574JC Datasheet HTML 10Page - Advanced Micro Devices AM79574JC Datasheet HTML 11Page - Advanced Micro Devices AM79574JC Datasheet HTML 12Page - Advanced Micro Devices AM79574JC Datasheet HTML 13Page - Advanced Micro Devices AM79574JC Datasheet HTML 14Page - Advanced Micro Devices AM79574JC Datasheet HTML 15Page - Advanced Micro Devices AM79574JC Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Am79574 Data Sheet
DC FEED CHARACTERISTICS
3
5
2
1
6
7
a. VA–VB (VAB) Voltage vs. Loop Current (Typical)
Notes:
1. Constant-resistance feed region:
2. Anti-sat –1 turn-on:
3. Anti-sat –2 turn-on:
4. Open circuit voltage:
5. Anti-sat –1 region:
6. Anti-sat –2 region:
7. Current Limit:
Active state,
OHT state,
V
AB
50
I
L
R
DC
50
----------


–
=
V
AB
31.8 V
=
V
AB
1.077 V
BAT
12.538
–
=
AB
0.377 V
BAT
20.48,
+
=
V
BAT
50.2 V
<
V
AB
39.39 V
=
V
BAT
50.2 V
≥
V
AB
39.39
I
L
R
DC
118.3
-------------


–
=
AB
0.377 V
BAT
20.48
I
L
R
DC
200
----------


–
+
=
I
L
0.8
2500
R
DC
------------


=
I
L
0.5
2500
R
DC
------------


=
VBAT = –47.3 V
RDC = 40 kΩ
4
Active state
OHT state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com