Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79574JC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79574JC
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574JC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79574JC Datasheet HTML 7Page - Advanced Micro Devices AM79574JC Datasheet HTML 8Page - Advanced Micro Devices AM79574JC Datasheet HTML 9Page - Advanced Micro Devices AM79574JC Datasheet HTML 10Page - Advanced Micro Devices AM79574JC Datasheet HTML 11Page - Advanced Micro Devices AM79574JC Datasheet HTML 12Page - Advanced Micro Devices AM79574JC Datasheet HTML 13Page - Advanced Micro Devices AM79574JC Datasheet HTML 14Page - Advanced Micro Devices AM79574JC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SLIC Products
11
11. Assumes the following ZT network:
12. Tested with 0
Ω source impedance. 2 MΩ is specified for system design purposes only.
13. Group delay can be considerably reduced by using a ZT network such as that shown in Note 11 above. The network reduces
the group delay to less than 2
µs. The effect of group delay on linecard performance may be compensated for by using
QSLAC™ or DSLAC™ devices.
Note:
*
A logic Low on E0 disables the DET output into the Open Collector state.
Table 1.
SLIC Decoding
DET Output
State
C3 C2 C1
Two-Wire Status
E0 = 1*
E1 = 0
E0 = 1*
E1 = 1
0
0
0
0
Open Circuit
Ring trip
Ring trip
1
0
0
1
Ringing
Ring trip
Ring trip
2
0
1
0
Active
Loop detector
Ground key
3
0
1
1
On-hook TX (OHT)
Loop detector
Ground key
4
1
0
0
Tip Open
Loop detector
—
5
1
0
1
Reserved
Loop detector
—
6
1
1
0
Active Polarity Reversal
Loop detector
Ground key
7
1
1
1
OHT Polarity Reversal
Loop detector
Ground key
Table 2.
User-Programmable Components
ZT is connected between the VTX and RSN pins. The fuse
resistors are RF, and Z2WIN is the desired 2-wire AC input
impedance. When computing ZT, the internal current
amplifier pole and any external stray capacitance between
VTX and RSN must be taken into account.
ZRX is connected from VRX to the RSN pin, ZT is defined
above, and G42L is the desired receive gain.
RDC1, RDC2, and CDC form the network connected to the
RDC pin. RDC1 and RDC2 are approximately equal.
RD and CD form the network connected from RD to –5 V and
IT is the threshold current between on hook and off hook.
VTX
RSN
300 k
Ω
300 k
Ω
30 pF
Z
T
1000 Z
2WIN
2R
F
–
()
=
Z
RX
Z
L
G
42L
-----------
1000
Z
T
•
Z
T
1000 Z
L
2R
F
+
()
+
----------------------------------------------------
•
=
R
DC 1
R
DC2
50 R
FEED
2R
F
–
()
=
+
C
DC
1.5 ms
R
DC1
R
DC 2
+
R
DC 1
R
DC2
•
--------------------------------
•
=
R
D
365
I
T
---------
C
D
0.5 ms
R
D
------------------
=
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com