Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC24H Datasheet(PDF) 33 Page - Microchip Technology

Part # DSPIC24H
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H Datasheet(HTML) 33 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 29Page - Microchip Technology DSPIC24H Datasheet HTML 30Page - Microchip Technology DSPIC24H Datasheet HTML 31Page - Microchip Technology DSPIC24H Datasheet HTML 32Page - Microchip Technology DSPIC24H Datasheet HTML 33Page - Microchip Technology DSPIC24H Datasheet HTML 34Page - Microchip Technology DSPIC24H Datasheet HTML 35Page - Microchip Technology DSPIC24H Datasheet HTML 36Page - Microchip Technology DSPIC24H Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 33
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
3.0
DEVICE PROGRAMMING –
ENHANCED ICSP
This section discusses programming the device
through Enhanced ICSP and the programming execu-
tive. The programming executive resides in executive
memory (separate from code memory) and is executed
when Enhanced ICSP Programming mode is entered.
The programming executive provides the mechanism
for the programmer (host device) to program and verify
the dsPIC33F/PIC24H Programming Specification
family devices using a simple command set and com-
munication protocol. There are several basic functions
provided by the programming executive:
• Read Memory
• Erase Memory
• Program Memory
• Blank Check
• Read Executive Firmware Revision
The programming executive performs the low-level
tasks required for erasing, programming and verifying
a device. This allows the programmer to program the
device by issuing the appropriate commands and data.
Table 3-1 summarizes the commands. A detailed
description
for
each
command
is
provided
in
Section 4.2 “Programming Executive Commands”.
TABLE 3-1:
COMMAND SET SUMMARY
The programming executive uses the device’s data
RAM for variable storage and program execution. After
the programming executive has run, no assumptions
should be made about the contents of data RAM.
3.1
Overview of the Programming
Process
Figure 3-1 shows the high-level overview of the
programming process. After entering Enhanced ICSP
mode, the programming executive is verified. Next, the
device is erased. Then, the code memory is pro-
grammed, followed by the nonvolatile device Configu-
ration
registers.
Code
memory
(including
the
Configuration registers) is then verified to ensure that
programming was successful.
After the programming executive has been verified
in memory (or loaded if not present), the dsPIC33F/
PIC24H Programming Specification can be pro-
grammed using the command set shown in Table 3-1.
FIGURE 3-1:
HIGH-LEVEL ENHANCED
ICSP™ PROGRAMMING
FLOW
Command
Description
SCHECK
Sanity check
READC
Read Configuration registers or Device
ID registers
READP
Read code memory
PROGC
Program a Configuration register and
verify
PROGP
Program one row of code memory and
verify
PROGW
Program one word of code memory
and verify
QBLANK
Query if the code memory is blank
QVER
Query the software version
Start
Done
Perform Bulk
Erase
Program Memory
Verify Program
Enter Enhanced ICSP™
Program Configuration Bits
Verify Configuration Bits
Exit Enhanced ICSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com