Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC24H Datasheet(PDF) 71 Page - Microchip Technology

Part # DSPIC24H
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H Datasheet(HTML) 71 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 67Page - Microchip Technology DSPIC24H Datasheet HTML 68Page - Microchip Technology DSPIC24H Datasheet HTML 69Page - Microchip Technology DSPIC24H Datasheet HTML 70Page - Microchip Technology DSPIC24H Datasheet HTML 71Page - Microchip Technology DSPIC24H Datasheet HTML 72Page - Microchip Technology DSPIC24H Datasheet HTML 73Page - Microchip Technology DSPIC24H Datasheet HTML 74Page - Microchip Technology DSPIC24H Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 71
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
6.2
Programming Verification
After
the
programming
executive
has
been
programmed to executive memory using ICSP, it must
be verified. Verification is performed by reading out the
contents of executive memory and comparing it with
the image of the programming executive stored in the
programmer.
Reading the contents of executive memory can be
performed using the same technique described in
Section 5.8 “Reading Code Memory”. A procedure
for reading executive memory is shown in Table 6-2.
Note that in Step 2, the TBLPAG register is set to 0x80,
such that executive memory may be read.
TABLE 6-2:
READING EXECUTIVE MEMORY
Command
(Binary)
Data
(Hex)
Description
Step 1: Exit the Reset vector.
0000
0000
0000
0000
000000
000000
040200
000000
NOP
NOP
GOTO
0x200
NOP
Step 2: Initialize TBLPAG and the read pointer (W6) for TBLRD instruction.
0000
0000
0000
200800
880190
EB0300
MOV
#0x80, W0
MOV
W0, TBLPAG
CLR
W6
Step 3: Initialize the write pointer (W7) to point to the VISI register.
0000
207847
MOV
#VISI, W7
Step 4: Read and clock out the contents of the next two locations of executive memory through the VISI register
using the REGOUT command.
0000
0000
0000
0000
0001
0000
0000
0000
0001
000000
BA1B96
000000
000000
<VISI>
BA9BB6
000000
000000
<VISI>
NOP
TBLRDL [W6], [W7]
NOP
NOP
Clock out contents of VISI register
TBLRDH [W6++], [W7]
NOP
NOP
Clock out contents of VISI register
Step 5: Reset the device internal PC.
0000
0000
040200
000000
GOTO
0x200
NOP
Step 6: Repeat Steps 4-5 until all 2048 instruction words of executive memory are read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com