Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC24H Datasheet(PDF) 44 Page - Microchip Technology

Part # DSPIC24H
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H Datasheet(HTML) 44 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 40Page - Microchip Technology DSPIC24H Datasheet HTML 41Page - Microchip Technology DSPIC24H Datasheet HTML 42Page - Microchip Technology DSPIC24H Datasheet HTML 43Page - Microchip Technology DSPIC24H Datasheet HTML 44Page - Microchip Technology DSPIC24H Datasheet HTML 45Page - Microchip Technology DSPIC24H Datasheet HTML 46Page - Microchip Technology DSPIC24H Datasheet HTML 47Page - Microchip Technology DSPIC24H Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 44
Preliminary
© 2007 Microchip Technology Inc.
WDTPOST
FWDT
Watchdog Timer Postscaler bits
1111
= 1:32,768
1110
= 1:16,384
.
.
.
0001
= 1:2
0000
= 1:1
PWMPIN
FPOR
Motor Control PWM Module Pin mode
1
= PWM module pins controlled by PORT register at device Reset
(tri-stated)
0
= PWM module pins controlled by PWM module at device Reset
(configured as output pins)
HPOL
FPOR
Motor Control PWM High-side Polarity bit
1
= PWM module high-side output pins have active-high output polarity
0
= PWM module high-side output pins have active-low output polarity
LPOL
FPOR
Motor Control PWM Low-side Polarity bit
1
= PWM module low-side output pins have active-high output polarity
0
= PWM module low-side output pins have active-low output polarity
ALTI2C
FPOR
Alternate I2C™ pins
1 = I2C mapped to SDA1/SCL1 pins
0 = I2C mapped to ASDA1/SACL1 pins
[Note: This bit is only present in the dsPIC33FJ12GP201/202,
dsPIC33FJ12MC201/202 and PIC24HJ12GP201/202 devices.]
FPWRT<2:0>
FPOR
Power-on Reset Timer Value Select bits
111
= PWRT = 128 ms
110
= PWRT = 64 ms
101
= PWRT = 32 ms
100
= PWRT = 16 ms
011
= PWRT = 8 ms
010
= PWRT = 4 ms
001
= PWRT = 2 ms
000
= PWRT Disabled
BKBUG
FICD
Background Debug Enable bit
1
= Device will reset in User mode
0
= Device will reset in Debug mode
COE
FICD
Debugger/Emulator Enable bit
1
= Device will reset in Operational mode
0
= Device will reset in Clip-On Emulation mode
JTAGEN
FICD
JTAG Enable bit
1
= JTAG enabled
0
= JTAG disabled
ICS<1:0>
FICD
ICD Communication Channel Select bits
11
= Communicate on PGC1/EMUC1 and PGD1/EMUD1
10
= Communicate on PGC2/EMUC2 and PGD2/EMUD2
01
= Communicate on PGC3/EMUC3 and PGD3/EMUD3
00
= Reserved, do not use
—
All
Unimplemented (read as ‘0’, write as ‘0’)
TABLE 3-3:
dsPIC33F/PIC24H CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com