Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC24H Datasheet(PDF) 34 Page - Microchip Technology

Part # DSPIC24H
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H Datasheet(HTML) 34 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 30Page - Microchip Technology DSPIC24H Datasheet HTML 31Page - Microchip Technology DSPIC24H Datasheet HTML 32Page - Microchip Technology DSPIC24H Datasheet HTML 33Page - Microchip Technology DSPIC24H Datasheet HTML 34Page - Microchip Technology DSPIC24H Datasheet HTML 35Page - Microchip Technology DSPIC24H Datasheet HTML 36Page - Microchip Technology DSPIC24H Datasheet HTML 37Page - Microchip Technology DSPIC24H Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
DS70152D-page 34
Preliminary
© 2007 Microchip Technology Inc.
3.2
Confirming the Presence of the
Programming Executive
Before programming can begin, the programmer must
confirm that the programming executive is stored in
executive memory. The procedure for this task is
shown in Figure 3-2.
First, ICSP mode is entered. Then, the unique Applica-
tion ID Word stored in executive memory is read. If the
programming executive is resident, the Application ID
Word is 0xBB, which means programming can resume
as normal. However, if the Application ID Word is not
0xBB, the programming executive must be programmed
to executive code memory using the method described in
Section 6.0 “Programming the Programming Exec-
utive to Memory”.
Section 5.0 “Device Programming – ICSP” describes
the ICSP programming method. Section 5.11 “Reading
the Application ID Word” describes the procedure for
reading the Application ID Word in ICSP mode.
FIGURE 3-2:
CONFIRMING PRESENCE
OF PROGRAMMING
EXECUTIVE
3.3
Entering Enhanced ICSP Mode
As shown in Figure 3-3, entering Enhanced ICSP
Program/Verify mode requires three steps:
1.
The MCLR pin is briefly driven high then low.
2.
A 32-bit key sequence is clocked into PGD.
3.
MCLR is then driven high within a specified
period of time and held.
The programming voltage applied to MCLR is VIH,
which is essentially VDD in the case of dsPIC33F/
PIC24H devices. There is no minimum time require-
ment for holding at VIH. After VIH is removed, an inter-
val of at least P18 must elapse before presenting the
key sequence on PGD.
The key sequence is a specific 32-bit pattern,
‘0100 1101 0100 0011 0100 1000 0101 0000’
(more easily remembered as 0x4D434850 in hexa-
decimal format). The device will enter Program/Verify
mode only if the key sequence is valid. The Most
Significant bit (MSb) of the most significant nibble must
be shifted in first.
Once the key sequence is complete, VIH must be
applied to MCLR and held at that level for as long as
Program/Verify mode is to be maintained. An interval
time of at least P19 and P7 must elapse before present-
ing data on PGD. Signals appearing on PGD before P7
has elapsed will not be interpreted as valid.
On successful entry, the program memory can be
accessed and programmed in serial fashion. While in
the Program/Verify mode, all unused I/Os are placed in
the high-impedance state.
Is
Start
Enter ICSP™ Mode
Application ID
0xBB?
Resident in Memory
Yes
No
Prog. Executive is
Application ID
Read the
be Programmed
Prog. Executive must
from Address
0x807F0
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com