Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3101 Datasheet(PDF) 91 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 91 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 87Page - Dallas Semiconductor DS3101 Datasheet HTML 88Page - Dallas Semiconductor DS3101 Datasheet HTML 89Page - Dallas Semiconductor DS3101 Datasheet HTML 90Page - Dallas Semiconductor DS3101 Datasheet HTML 91Page - Dallas Semiconductor DS3101 Datasheet HTML 92Page - Dallas Semiconductor DS3101 Datasheet HTML 93Page - Dallas Semiconductor DS3101 Datasheet HTML 94Page - Dallas Semiconductor DS3101 Datasheet HTML 95Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
91 of 149
Register Name:
IER3
Register Description:
Interrupt Enable Register 3
Register Address:
45h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FSMON
T4LOCK
PHMON
T4NOIN
AMI2
LOS2
AMI1
LOS1
Default
0
0
0
0
0
0
0
0
Bit 7: Interrupt Enable for Frame Sync Input Monitor Alarm (FSMON). This bit is an interrupt enable for the
FSMON bit in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 6: Interrupt Enable for T4 DPLL Lock Status Change (T4LOCK). This bit is an interrupt enable for the
T4LOCK bit in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 5: Interrupt Enable for Phase Monitor Alarm (PHMON). This bit is an interrupt enable for the PHMON bit in
the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 4: Interrupt Enable for T4 No Valid Inputs Alarm (T4NOIN). This bit is an interrupt enable for the T4NOIN bit
in the MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 3: Interrupt Enable for AMI Violation on IC2 (AMI2). This bit is an interrupt enable for the AMI2 bit in the
MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 2: Interrupt Enable for LOS Error on IC2 (LOS2). This bit is an interrupt enable for the LOS2 bit in the MSR3
register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 1: Interrupt Enable for AMI Violation on IC1 (AMI1). This bit is an interrupt enable for the AMI1 bit in the
MSR3 register.
0 = Mask the interrupt
1 = Enable the interrupt
Bit 0: Interrupt Enable for LOS Error on IC1 (LOS1). This bit is an interrupt enable for the LOS1 bit in the MSR3
register.
0 = Mask the interrupt
1 = Enable the interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com