Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3101 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 35Page - Dallas Semiconductor DS3101 Datasheet HTML 36Page - Dallas Semiconductor DS3101 Datasheet HTML 37Page - Dallas Semiconductor DS3101 Datasheet HTML 38Page - Dallas Semiconductor DS3101 Datasheet HTML 39Page - Dallas Semiconductor DS3101 Datasheet HTML 40Page - Dallas Semiconductor DS3101 Datasheet HTML 41Page - Dallas Semiconductor DS3101 Datasheet HTML 42Page - Dallas Semiconductor DS3101 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
39 of 149
7.8.1
Signal Format Configuration
Output clocks OC6 and OC7 are enabled and disabled via the OC6SF and OC7SF configuration bits in the MCR8
register. The LVDS electrical specifications are listed in Table 10-4, and the recommended LVDS termination is
shown in Figure 10-1. These outputs can be easily interfaced to LVPECL and CML inputs on neighboring ICs using
a few external passive components. Refer to Maxim App Note HFAN-1.0: Introduction to LVDS, PECL, and CML
for details.
Output clock OC8 is a dedicated composite clock (CC) transmitter. The composite clock signal is a 64kHz AMI
clock with an embedded 8kHz clock indicated by deliberate bipolar violations (BPVs) every 8 clock cycles. See
Section 7.10.2 for OC8 configuration details. The AMI CC electrical specifications are shown in Table 10-6, and the
recommended external components are shown in Figure 10-3.
Output clocks OC1 to OC5 and OC9 to OC11 are always CMOS/TTL signal format.
7.8.2
Frequency Configuration
The frequency of most of the output clocks is a function of the settings used to configure the components of the T0
and T4 PLL paths. These components are shown in the detailed block diagram of Figure 7-5.
The T0 and T4 PLLs use digital frequency synthesis (DFS) to generate various clocks. In DFS, a high-speed
master clock (204.8MHz) is divided down to the desired output frequency. The edges of the output clock, however,
are not ideally located in time but rather are aligned with the edges of the master clock resulting in jitter with an
amplitude equal to 1 period of the master clock (i.e., 4.88ns).
7.8.2.1
T0 DPLL and APLL Details
The 77M forward DFS block (see Figure 7-5) uses the 204.8MHz master clock and DFS to synthesize a 77.76MHz
clock with 4.88ns inherent peak-to-peak jitter. This clock can be fed directly to the feedback DFS block or it can be
passed through the feedback APLL to reduce jitter to less than 1ns. The 77M forward DFS block handles phase
build-out and any phase offset configured in the OFFSET registers. Thus, the 77M output DFS block and the 77M
forward DFS block are frequency locked but may have a phase offset.
The feedback DFS block takes as its input clock either the output from the 77M forward DFS or the jitter-filtered
output from the T0 feedback APLL. The feedback DFS block synthesizes the appropriate locking frequency for use
in the phase-frequency detector (PFD).
The 77M output DFS block also uses the 204.8MHz master clock and DFS to synthesize a 77.76MHz clock with
4.88ns peak-to-peak jitter. This clock goes to both the output APLL and the low frequency (LF) output DFS block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com