Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3101 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 7Page - Dallas Semiconductor DS3101 Datasheet HTML 8Page - Dallas Semiconductor DS3101 Datasheet HTML 9Page - Dallas Semiconductor DS3101 Datasheet HTML 10Page - Dallas Semiconductor DS3101 Datasheet HTML 11Page - Dallas Semiconductor DS3101 Datasheet HTML 12Page - Dallas Semiconductor DS3101 Datasheet HTML 13Page - Dallas Semiconductor DS3101 Datasheet HTML 14Page - Dallas Semiconductor DS3101 Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
11 of 149
5.4
Output Clock Features
11 output clocks
Five programmable-frequency CMOS/TTL output clocks drive any internally produced clock up 77.76MHz
Two programmable-frequency LVDS output clocks drive any internally produced clock up to 311.04MHz
Two sync pulses, 2kHz and 8kHz, can be disciplined by a 2kHz or 8kHz sync input
One 1.544MHz/2.048MHz output clock
One 64kHz composite clock output (AMI format)
Output clock rates include 2kHz, 8kHz, NxDS1, NxDS2, DS3, NxE1, E3, 19.44MHz, 38.88MHz, 51.84MHz,
62.5MHz, 77.76MHz, 125.0MHz, 155.52MHz, and 311.04MHz
Outputs at even divisors of 311.04MHz have less than 0.5ns peak-to-peak output jitter
5.5
Redundancy Features
Devices on redundant timing cards can be configured for master/slave operation
Clocks and frame syncs can be cross-wired between devices to ensure that slave always tracks master
Master/slave mode pin can auto-configure slave to track master with no phase build-out and wider bandwidth
Input clock priority tables can easily be kept synchronized between master and slave
5.6
Composite Clock I/O Features
Two composite clock receivers and one composite clock transmitter (all AMI format)
Compliant with Telcordia GR-378 composite clock, G.703 centralized clock, and G.703 Appendix II.1 Japanese
synchronization interfaces
Configurable for 50% or 5/8 duty cycle, 1V or 3V pulse amplitude, and 110
Ω/120Ω/133Ω termination
Received signals are monitored for LOS, AMI violations, presence/absence of the 8 kHz component, and
presence/absence of the 400Hz component (for G.703 Appendix II.1 option b)
Transmitter can generate or suppress the 8kHz component and/or the 400 Hz component (for G.703 Appendix
II.1 option b)
Composite clock receiver inputs can be configured as programmable-frequency CMOS/TTL inputs if composite
clock support is not needed
5.7
General Features
Operates from a single external 12.800MHz local oscillator (TCXO or OCXO)
On-chip local oscillator watchdog circuit
Microprocessor interface can be 8-bit parallel (Intel or Motorola, multiplexed or nonmultiplexed) or SPI serial
Register set can be write-protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com