Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3101 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS3101
Description  Stratum 3/3E Timing Card IC
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3101 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS3101 Datasheet HTML 9Page - Dallas Semiconductor DS3101 Datasheet HTML 10Page - Dallas Semiconductor DS3101 Datasheet HTML 11Page - Dallas Semiconductor DS3101 Datasheet HTML 12Page - Dallas Semiconductor DS3101 Datasheet HTML 13Page - Dallas Semiconductor DS3101 Datasheet HTML 14Page - Dallas Semiconductor DS3101 Datasheet HTML 15Page - Dallas Semiconductor DS3101 Datasheet HTML 16Page - Dallas Semiconductor DS3101 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
DS3101 Stratum 3/3E Timing Card IC
13 of 149
Table 6-2. Output Clock Pin Descriptions
PIN
NAME
(1)
TYPE
(2)
FUNCTION
C6
OC1
O3
Output Clock 1. CMOS/TTL. Programmable frequency (default 6.48MHz).
A7
OC2
O3
Output Clock 2. CMOS/TTL. Programmable frequency (default 38.88MHz).
B7
OC3
O3
Output Clock 3. CMOS/TTL. Programmable frequency (default 19.44MHz).
C7
OC4
O3
Output Clock 4. CMOS/TTL. Programmable frequency (default 38.88MHz).
A8
OC5
O3
Output Clock 5. CMOS/TTL. Programmable frequency (default 77.76MHz).
B3
OC6POS
A3
OC6NEG
O3
Output Clock 6. LVDS. Programmable frequency (default 38.88MHz LVDS).
See Table 10-4 and Figure 10-1.
C2
OC7POS
C1
OC7NEG
O3
Output Clock 7. LVDS. Programmable frequency (default 19.44MHz LVDS).
See Table 10-4 and Figure 10-1.
C8
OC8POS
B8
OC8NEG
O3
Output Clock 8. AMI. 64kHz composite clock. See Section 7.10.2, Table 10-6, and
Figure 10-3.
A9
OC9
O3
Output Clock 9. CMOS/TTL. 1.544/2.048MHz.
B9
OC10
O3
Output Clock 10. CMOS/TTL. 8kHz frame sync or clock.
C9
OC11
O3
Output Clock 11. CMOS/TTL. 2kHz multiframe sync or clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com