Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD820ARMZ
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD820ARMZ Datasheet HTML 6Page - Analog Devices AD820ARMZ Datasheet HTML 7Page - Analog Devices AD820ARMZ Datasheet HTML 8Page - Analog Devices AD820ARMZ Datasheet HTML 9Page - Analog Devices AD820ARMZ Datasheet HTML 10Page - Analog Devices AD820ARMZ Datasheet HTML 11Page - Analog Devices AD820ARMZ Datasheet HTML 12Page - Analog Devices AD820ARMZ Datasheet HTML 13Page - Analog Devices AD820ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD820
Rev. H | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
–0.5
0.5
OFFSET VOLTAGE (mV)
40
30
20
10
–0.4 –0.3 –0.2 –0.1
0
0.1
0.2
0.3
0.4
VS = 0V, 5V
Figure 4. Typical Distribution of Offset Voltage (248 Units)
48
0
–10
10
OFFSET VOLTAGE DRIFT (µV/ºC)
40
32
24
16
8
–8
–6
–4
–2
0
2
4
6
8
VS = ±5V
VS = ±15V
Figure 5. Typical Distribution of Offset Voltage Drift (120 Units)
50
0
0
10
INPUT BIAS CURRENT (pA)
45
40
35
30
25
20
15
10
5
1
2
3
4
5
6
7
8
9
Figure 6. Typical Distribution of Input Bias Current (213 Units)
5
–5
–5
5
COMMON-MODE VOLTAGE (V)
0
–4
–3
–2
–1
0
1
2
3
4
VS = ±5V
VS = 0V, +5V AND ±5V
Figure 7. Input Bias Current vs. Common-Mode Voltage;
VS = +5 V, 0 V and VS = ±5 V
1k
0.1
–16
16
COMMON-MODE VOLTAGE (V)
1
10
100
–12
–8
–4
0
4
8
12
Figure 8. Input Bias Current vs. Common-Mode Voltage; VS = ±15 V
100k
0.1
20
140
TEMPERATURE (ºC)
1
10
100
1k
10k
40
60
80
100
120
Figure 9. Input Bias Current vs. Temperature; VS = 5 V, VCM = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com