Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD820ARMZ
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD820ARMZ Datasheet HTML 11Page - Analog Devices AD820ARMZ Datasheet HTML 12Page - Analog Devices AD820ARMZ Datasheet HTML 13Page - Analog Devices AD820ARMZ Datasheet HTML 14Page - Analog Devices AD820ARMZ Datasheet HTML 15Page - Analog Devices AD820ARMZ Datasheet HTML 16Page - Analog Devices AD820ARMZ Datasheet HTML 17Page - Analog Devices AD820ARMZ Datasheet HTML 18Page - Analog Devices AD820ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD820
Rev. H | Page 15 of 24
AD820
+VS
RL
100pF
0.01µF
VOUT
VIN
3
2
4
7
6
–
+
Figure 33. Unity-Gain Follower, Used for Figure 34
100
90
10
0%
10mV
2µs
GND
Figure 34. VS = 5 V, 0 V; Unity-Gain Follower Response to 40 mV Step
Centered 40 mV Above Ground
AD820
–
+
+VS
RL
100pF
0.01µF
VIN
2
3
4
7
6
VOUT
–
+
10kΩ
20kΩ
Figure 35. Gain-of-2 Inverter, Used for Figure 36 and Figure 37
100
90
10
0%
1V
2µS
GND
Figure 36. VS = 5 V, 0 V; Gain-of-2 Inverter Response to 2.5 V Step,
Centered −1.25 V Below Ground
100
90
10
0%
10mV
2µs
GND
Figure 37. VS = 5 V, 0 V; Gain-of-2 Inverter Response to 20 mV Step, Centered
20 mV Below Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com