Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD820ARMZ
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD820ARMZ Datasheet HTML 15Page - Analog Devices AD820ARMZ Datasheet HTML 16Page - Analog Devices AD820ARMZ Datasheet HTML 17Page - Analog Devices AD820ARMZ Datasheet HTML 18Page - Analog Devices AD820ARMZ Datasheet HTML 19Page - Analog Devices AD820ARMZ Datasheet HTML 20Page - Analog Devices AD820ARMZ Datasheet HTML 21Page - Analog Devices AD820ARMZ Datasheet HTML 22Page - Analog Devices AD820ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD820
Rev. H | Page 19 of 24
OFFSET VOLTAGE ADJUSTMENT
The offset voltage of the AD820 is low, so external offset voltage
nulling is not usually required. Figure 46 shows the recommended
technique for the AD820 packaged in plastic DIP. Adjusting offset
voltage in this manner changes the offset voltage temperature drift
by 4 μV/°C for every millivolt of induced offset. The null pins
are not functional for the AD820 in the 8-lead SOIC and MSOP
packages.
AD820
+VS
3
2
–VS
4
7
5
6
1
20kΩ
Figure 46. Offset Null



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com