Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD820ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD820ARMZ
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD820ARMZ Datasheet HTML 13Page - Analog Devices AD820ARMZ Datasheet HTML 14Page - Analog Devices AD820ARMZ Datasheet HTML 15Page - Analog Devices AD820ARMZ Datasheet HTML 16Page - Analog Devices AD820ARMZ Datasheet HTML 17Page - Analog Devices AD820ARMZ Datasheet HTML 18Page - Analog Devices AD820ARMZ Datasheet HTML 19Page - Analog Devices AD820ARMZ Datasheet HTML 20Page - Analog Devices AD820ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD820
Rev. H | Page 17 of 24
OUTPUT CHARACTERISTICS
The AD820 unique bipolar rail-to-rail output stage swings
within 5 mV of the negative supply and 10 mV of the positive
supply with no external resistive load. The approximate output
saturation resistance of the AD820 is 40 Ω sourcing and 20 Ω
sinking. This can be used to estimate output saturation voltage
when driving heavier current loads. For instance, when sourcing
5 mA, the saturation voltage to the positive supply rail is 200 mV;
when sinking 5 mA, the saturation voltage to the negative rail
is 100 mV.
The open-loop gain characteristic of the amplifier changes
as a function of resistive load, as shown in Figure 10 through
Figure 13. For load resistances over 20 kΩ, the AD820 input
error voltage is virtually unchanged until the output voltage is
driven to 180 mV of either supply.
If the AD820 output is driven hard against the output saturation
voltage, it recovers within 2 μs of the input returning to the
linear operating region of the amplifier.
Direct capacitive load interacts with the effective output imped-
ance of the amplifier to form an additional pole in the amplifier
feedback loop, which can cause excessive peaking on the pulse
response or loss of stability. The worst case occurs when the
amplifier is used as a unity-gain follower. Figure 40 shows
AD820 pulse response as a unity-gain follower driving 350 pF.
This amount of overshoot indicates approximately 20 degrees
of phase margin—the system is stable, but is nearing the edge.
Configurations with less loop gain, and as a result less loop
bandwidth, are much less sensitive to capacitance load effects.
Figure 41 is a plot of noise gain vs. the capacitive load that results
in a 20 degree phase margin for the AD820. Noise gain is the
inverse of the feedback attenuation factor provided by the
feedback network in use.
20mV
2µs
100
90
10
0%
Figure 40. Small Signal Response of AD820 as Unity-Gain Follower Driving
350 pF Capacitive Load
5
1
300
30k
CAPACITIVE LOAD FOR 20º PHASE MARGIN (pF)
4
3
2
1k
3k
10k
RF
R1
Figure 41. Noise Gain vs. Capacitive Load Tolerance
Figure 42 shows a possible configuration for extending
capacitance load drive capability for a unity-gain follower. With
these component values, the circuit drives 5000 pF with a 10%
overshoot.
AD820
–
+
–
+
+VS
–VS
0.01µF
0.01µF
20pF
20kΩ
100Ω
VOUT
VIN
3
2
4
7
6
–
+
Figure 42. Extending Unity-Gain Follower Capacitive Load Capability
Beyond 350 pF
SINGLE-SUPPLY HALF-WAVE AND FULL-WAVE
RECTIFIERS
An AD820 configured as a unity-gain follower and operated
with a single supply can be used as a simple half-wave rectifier.
The AD820 inputs maintain picoamp level input currents even
when driven well below the negative supply. The rectifier puts
that behavior to good use, maintaining an input impedance of
over 1011 Ω for input voltages from 1 V from the positive supply
to 20 V below the negative supply.
The full- and half-wave rectifier shown in Figure 43 operates as
follows: when VIN is above ground, R1 is bootstrapped through
the unity-gain follower, A1, and the loop of Amplifier A2. This
forces the inputs of A2 to be equal; thus, no current flows through
R1 or R2, and the circuit output tracks the input. When VIN is
below ground, the output of A1 is forced to ground. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com