Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD822ARMZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD822ARMZ Datasheet HTML 6Page - Analog Devices AD822ARMZ Datasheet HTML 7Page - Analog Devices AD822ARMZ Datasheet HTML 8Page - Analog Devices AD822ARMZ Datasheet HTML 9Page - Analog Devices AD822ARMZ Datasheet HTML 10Page - Analog Devices AD822ARMZ Datasheet HTML 11Page - Analog Devices AD822ARMZ Datasheet HTML 12Page - Analog Devices AD822ARMZ Datasheet HTML 13Page - Analog Devices AD822ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD822
Data Sheet
Rev. J | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
8-Lead PDIP (N)
Observe derating curves
8-Lead SOIC_N (R)
Observe derating curves
8-Lead MSOP (RM)
Observe derating curves
Input Voltage1
((V+) + 0.2 V) to
((V−) − 20 V)
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
±30 V
Storage Temperature Range (N)
–65°C to +125°C
Storage Temperature Range (R, RM)
–65°C to +150°C
Operating Temperature Range
A Grade and B Grade
–40°C to +85°C
Lead Temperature
(Soldering, 60 sec)
260°C
1 See the Input Characteristics section.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-lead PDIP (N)
90
°C/W
8-lead SOIC_N (R)
160
°C/W
8-lead MSOP (RM)
190
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD822 is
limited by the associated rise in junction temperature. For plastic
packages, the maximum safe junction temperature is 145°C. If
these maximums are exceeded momentarily, proper circuit
operation is restored as soon as the die temperature is reduced.
Leaving the device in the overheated condition for an extended
period can result in device burnout. To ensure proper operation, it
is important to observe the derating curves shown in Figure 27.
While the AD822 is internally short-circuit protected, this may not
be sufficient to guarantee that the maximum junction temperature
is not exceeded under all conditions. With power supplies ±12 V or
less at an ambient temperature of 25°C or less, if the output node is
shorted to a supply rail, then the amplifier is not destroyed, even if
this condition persists for an extended period.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com