Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD822ARMZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD822ARMZ Datasheet HTML 8Page - Analog Devices AD822ARMZ Datasheet HTML 9Page - Analog Devices AD822ARMZ Datasheet HTML 10Page - Analog Devices AD822ARMZ Datasheet HTML 11Page - Analog Devices AD822ARMZ Datasheet HTML 12Page - Analog Devices AD822ARMZ Datasheet HTML 13Page - Analog Devices AD822ARMZ Datasheet HTML 14Page - Analog Devices AD822ARMZ Datasheet HTML 15Page - Analog Devices AD822ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD822
Data Sheet
Rev. J | Page 12 of 24
LOAD RESIST
ANCE (Ω)
10M
1M
10k
100
100k
100k
1k
10k
VS = 0V, +5V
VS = ±15V
VS = 0V, +3V
Figure 10. Open-Loop Gain vs. Load Resistance
TEMPERATURE (°C)
10M
1M
10k
–60
140
–40
–20
0
20
40
60
80
100
120
100k
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
VS = ±15V
VS = 0V, +5V
VS = ±15V
VS = 0V, +5V
VS = ±15V
VS = 0V, +5V
Figure 11. Open-Loop Gain vs. Temperature
OUTPUT VOLTAGE (V)
300
–300
–16
16
–12
–8
–4
0
4
8
12
200
100
0
–100
–200
RL = 100kΩ
RL = 10kΩ
RL = 600Ω
Figure 12. Input Error Voltage vs. Output Voltage for Resistive Loads
OUTPUT VOLTAGE FROM SUPPLY RAILS (mV)
40
20
–40
60
120
180
240
0
–20
POS RAIL
NEG RAIL
NEG RAIL
NEG RAIL
POS RAIL
RL = 20kΩ
RL = 2kΩ
RL = 100kΩ
POS
RAIL
0
300
Figure 13. Input Error Voltage with Output Voltage Within 300 mV of Either
Supply Rail for Various Resistive Loads; VS = ±5 V
FREQUENCY (Hz)
1k
100
1
10
1k
10
1
10k
100
Figure 14. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
–40
–50
–110
100
100k
1k
10k
–70
–80
–90
–100
–60
RL = 10kΩ
ACL = –1
VS = 0V, +3V; VOUT = 2.5V p-p
VS = ±15V; VOUT = 20V p-p
VS = ±5V; VOUT = 9V p-p
VS = 0V, +5V; VOUT = 4.5V p-p
Figure 15. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com