Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD822ARMZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD822ARMZ Datasheet HTML 11Page - Analog Devices AD822ARMZ Datasheet HTML 12Page - Analog Devices AD822ARMZ Datasheet HTML 13Page - Analog Devices AD822ARMZ Datasheet HTML 14Page - Analog Devices AD822ARMZ Datasheet HTML 15Page - Analog Devices AD822ARMZ Datasheet HTML 16Page - Analog Devices AD822ARMZ Datasheet HTML 17Page - Analog Devices AD822ARMZ Datasheet HTML 18Page - Analog Devices AD822ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD822
Rev. J | Page 15 of 24
FREQUENCY (Hz)
–70
–140
300
1M
1k
3k
10k
30k
100k
300k
–80
–100
–110
–120
–130
–90
Figure 28. Crosstalk vs. Frequency
VIN
RL
VOUT
100pF
8
V+
0.01µF
4
0.01µF
1/2
AD822
+
–
Figure 29. Unity-Gain Follower
0%
100
90
10
5V
10µs
Figure 30. 20 V p-p, 25 kHz Sine Wave Input; Unity-Gain Follower; VS = ±15 V,
RL = 600 Ω
V+
20V p-p
2
3
8
5
6
20kΩ
2.2kΩ
5kΩ
5kΩ
VOUT
CROSSTALK = 20 log
VOUT
10VIN
0.1µF
1µF
0.1µF
1µF
V–
VIN
1/2
AD822
1
1/2
AD822
7
Figure 31. Crosstalk Test Circuit
0%
100
90
10
5V
5µs
Figure 32. Large Signal Response Unity-Gain Follower; VS = ±15 V, RL = 10 kΩ
10
0%
100
90
10mV
500ns
Figure 33. Small Signal Response Unity-Gain Follower; VS = ±15 V, RL = 10 kΩ
GND
10
0%
100
90
1V
2µs
Figure 34. VS = 5 V, 0 V; Unity-Gain Follower Response to 0 V to 4 V Step
4
VIN
RL
VOUT
100pF
8
V+
0.01µF
1/2
AD822
+
–
Figure 35. Unity-Gain Follower



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com