Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD822ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD822ARMZ
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD822ARMZ Datasheet HTML 15Page - Analog Devices AD822ARMZ Datasheet HTML 16Page - Analog Devices AD822ARMZ Datasheet HTML 17Page - Analog Devices AD822ARMZ Datasheet HTML 18Page - Analog Devices AD822ARMZ Datasheet HTML 19Page - Analog Devices AD822ARMZ Datasheet HTML 20Page - Analog Devices AD822ARMZ Datasheet HTML 21Page - Analog Devices AD822ARMZ Datasheet HTML 22Page - Analog Devices AD822ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD822
Rev. J | Page 19 of 24
90
....
....
.... .... . ... .. .. .. .. .... .... . ...
....
....
.... .... . ... .... .... .... . ... ....
100
0%
10
20mV
2µs
Figure 44. Small Signal Response of AD822 as
Unity-Gain Follower Driving 350 pF
Figure 45 is a plot of noise gain vs. capacitive load that results in
a 20° phase margin for the AD822. Noise gain is the inverse of
the feedback attenuation factor provided by the feedback
network in use.
1
2
3
4
5
300
1k
3k
10k
30k
CAPACITIVE LOAD FOR 20° PHASE MARGIN (pF)
R1
RF
CL
Figure 45. Noise Gain vs. Capacitive Load Tolerance
Figure 46 shows a method for extending capacitance load drive
capability for a unity-gain follower. With these component values,
the circuit drives 5000 pF with a 10% overshoot.
20pF
100Ω
20kΩ
8
4
VIN
V+
0.01µF
VOUT
0.01µF
CL
1/2
AD822
+
–
V–
Figure 46. Extending Unity-Gain Follower Capacitive Load Capability
Beyond 350 pF
SINGLE-SUPPLY VOLTAGE TO FREQUENCY
CONVERTER
The circuit shown in Figure 47 uses the AD822 to drive a low
power timer that produces a stable pulse of width t1. The positive
going output pulse is integrated by R1 and C1 and used as one
input to the AD822 that is connected as a differential integrator.
The other input (nonloading) is the unknown voltage, VIN. The
AD822 output drives the timer trigger input, closing the overall
feedback loop.
2
3
4
6
5
U3A
U3B
C3
0.1µF
1
2
3
4
OUT2
OUT1
U1
C1
U2
CMOS 555
THR
TR
DIS
GND
OUT
CV
1
2
3
4
5
6
7
8
RV+
C4
0.01µF
R3
116kΩ
0.01µF, 2%
CMOS
74HCO4
RSCALE
10kΩ
U4
REF02
VREF = 5V
10V
C5
0.1µF
R2
499kΩ
1%
R1
499kΩ
1%
VIN
C2
0.01µF
2%
0V TO 2.5V
FULL SCALE
1/2
AD822B
+
–
NOTES
1. fOUT = VIN/(VREF × t1), t1 = 1.1 × R3 × C6.
2. R3 = 1% METAL FILM <50ppm/°C TC.
3. RSCALE = 10% 20T FILM <100ppm/°C TC.
4. t1 = 33µF FOR fOUT = 20kHz @ VIN = 2.0V.
= 25kHz
fS AS SHOWN.
Figure 47. Single-Supply Voltage to Frequency Converter
Typical AD822 bias currents of 2 pA allow MΩ range source
impedances with negligible dc errors. Linearity errors on the
order of 0.01% full scale can be achieved with this circuit. This
performance is obtained with a 5 V single supply that delivers
less than 1 mA to the entire circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com