Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9178 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 9Page - NXP Semiconductors TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
1999 Sep 24
13
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Table 16 Green enhancement gain
Table 17 Green enhancement width
Table 18 Green enhancement size
Table 19 Blue stretch on/off
Table 20 Blue stretch gain
Table 21 Blue stretch size
Table 22 Colour dependent sharpness on/off
Table 23 Colour transient improvement on/off
GGR
FUNCTION
0
default enhancement
1
60% increased gain
WGR
FUNCTION
0
default detection angle
1
60% increased detection angle
SGR
FUNCTION
0
default area
1
40% increased area
DBL
FUNCTION
0
blue stretch off
1
blue stretch on
GBL
FUNCTION
0
default gain
1
60% increased gain
SBL
FUNCTION
0
default area
1
40% increased area
CDS
FUNCTION
0
colour dependent sharpness off
1
colour dependent sharpness on
CTI
FUNCTION
0
colour transient improvement off
1
colour transient improvement on
Table 24 Black offset compensation on/off
Table 25 Adaptive black stretch
Table 26 Non-linearity amplifier
Table 27 Variable gamma
Table 28 Peaking amplitude
Table 29 Steepness correction
Table 30 Coring level
BON
FUNCTION
0
black offset compensation off
1
black offset compensation on
BT5
BT4
BT3
BT2
BT1
BT0
FUNCTION
000000
0%
111111
100%
NL5
NL4
NL3
NL2
NL1
NL0
FUNCTION
000000
0%
111111
100%
VG5
VG4
VG3
VG2
VG1
VG0
FUNCTION
000000
−100%
111111
100%
PK5
PK4
PK3
PK2
PK1
PK0
FUNCTION
000000
0%
111111
100%
SP5
SP4
SP3
SP2
SP1
SP0
FUNCTION
000000
0%
111111
100%
CR5
CR4
CR3
CR2
CR1
CR0
FUNCTION
000000
0%
111111
30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com