Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9178 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9178 Datasheet HTML 1Page - NXP Semiconductors TDA9178 Datasheet HTML 2Page - NXP Semiconductors TDA9178 Datasheet HTML 3Page - NXP Semiconductors TDA9178 Datasheet HTML 4Page - NXP Semiconductors TDA9178 Datasheet HTML 5Page - NXP Semiconductors TDA9178 Datasheet HTML 6Page - NXP Semiconductors TDA9178 Datasheet HTML 7Page - NXP Semiconductors TDA9178 Datasheet HTML 8Page - NXP Semiconductors TDA9178 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1999 Sep 24
2
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
FEATURES
• Picture content dependent non-linear Y, U and V
processing by luminance histogram analysis
• Variable gamma control
• Adaptive black and white stretch control
• Skin tone correction
• Green enhancement
• Blue stretch
• Luminance Transient Improvement (LTI)
• Smart peaking for detail enhancement
• Colour Transient Improvement (CTI)
• SCAn VElocity Modulation (SCAVEM) output
• Line Width Control (LWC)
• Video Dependent Coring (VDC)
• Colour Dependent Sharpness (CDS)
• Noise measurement
• Feature Mode (FM) detector
• Cue Flash (CF) detector
• Three additional pins for access to 6-bit ADC and
I2C-bus
• Adjustable chrominance delay
• TV standard independent
• I2C-bus controlled
• 1fH and 2fH
• DEmonstration MOde (DEMO).
GENERAL DESCRIPTION
The TDA9178 is a transparent analog video processor
with YUV input and output interfaces. It offers three main
functions: luminance vector processing, colour vector
processing and spectral processing. Beside these three
main functions, there are some additional functions.
In the luminance vector processor, the luminance transfer
function is controlled in a non-linear way by the
distribution, in 5 discrete histogram sections, of the
luminance values measured in a picture. As a result, the
contrast ratio of the most important parts of the scene will
be improved. Black restoration is available in the event of
a set-up in the luminance signal.
A variable gamma function, after the histogram
conversion, offers the possibilities of alternative brightness
control or factory adjustment of the picture tube.
The adaptive black stretch function of the TDA9178 offers
the possibility of having a larger ‘weight’ for the black parts
of the video signal; the white stretch function offers an
additional overall gain for increased light production.
To maintain a proper colour reproduction, the saturation of
the U- and V-colour difference signals is also controlled as
a function of the actual non-linearity in the luminance
channel.
In the colour vector processor, the dynamic skin tone
correction locally changes the hue of colours that match
skin tones to the correct hue. The green enhancement
circuit activates medium saturated green towards to more
saturated green. The blue stretch circuit can be activated
which shifts colours near white towards blue.
The spectral processor provides 1D luminance transient
improvement, luminance detail enhancement by smart
peaking and a 1 D colour transient improvement.
The TDA9178 can be used as a cost effective alternative
to (but also in combination with) scan velocity modulation.
In the spectral processor line width control (or aperture
control) can be user defined. The TDA9178 is capable of
adjusting the amount of coring according to the video level
with the video dependent coring. The TDA9178 is also
capable to give extra sharpness in the cases of saturated
red and magenta parts of the screen using the colour
dependent sharpness feature.
An embedded noise detector measures noise during the
field retrace in parts which are expected to be free from
video or text information. With the noise detector a variety
of ‘smart noise control’ architectures can be set up.
A feature mode detector is available for detecting signal
sources like VCR (in still picture mode) that re-insert the
levels of the retrace part. For this kind of signals the noise
measurement of the TDA9178 is not reliable.
An output signal (on the I2C-bus and on a separate pin) is
available that detects when the picture content has been
changed significantly, called cue flash.
An embedded 6-bit ADC can be used for interfacing three
analog low frequency voltage signals (e.g. ambient light
control or beam current voltage level) to the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com