Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9178 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors TDA9178 Datasheet HTML 19Page - NXP Semiconductors TDA9178 Datasheet HTML 20Page - NXP Semiconductors TDA9178 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1999 Sep 24
17
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Colour vector processing
SKIN TONE; note 1 and Fig.4
ϕcor
correction angle
ASK = 0; DSK = 1
−
123
−
deg
ASK = 1; DSK = 1
−
117
−
deg
ϕ
ap
correction range (or aperture angle) DSK = 1; SSK = 1;
WSK = 0
−
45
−
deg
GREEN ENHANCEMENT; note 1 and Fig.5
ϕcor
correction angle
DGR = 1
−
208
−
deg
ϕ
ap
correction range (or aperture angle) DGR = 1; SGR = 0;
WGR = 0
−
45
−
deg
BLUE STRETCH; note 2 and Fig.6
ϕ(str)
stretch angle
DBL = 1
−
330
−
deg
Spectral processing
GENERAL
Qmax
maximum contour amplitude at
centre frequency
note 3
−
12
−
dB
Contour filter low frequency peaking
fpc(l)
peaking centre frequency
1fH mode; CFS = 0
−
2.0
−
MHz
2fH mode; CFS = 0
−
4.0
−
MHz
Contour filter high frequency peaking
fpc(h)
peaking centre frequency
1fH mode; CFS = 1
−
3.0
−
MHz
2fH mode; CFS = 1
−
6.0
−
MHz
Step detector
fdc
detection centre frequency
1fH mode
−
1.18
−
MHz
2fH mode
−
2.36
−
MHz
PEAKING
GPK
peaking control curve
63 steps
−
0 to 100
−
%
CORING
GCR
coring control curve
63 steps
−
0to45
−
%
LUMINANCE TRANSIENT IMPROVEMENT
tr(min)
minimum rise time 10% to 90%
note 4
−
30
−
ns
GSP
steepness control curve
63 steps
−
0 to 100
−
%
Line width control
tsd(max)
maximum step displacement
1fH mode
−
140
−
ns
2fH mode
−
70
−
ns
GLW
line width control curve (duty factor) 63 steps at 1 MHz
sine wave at 1fH
−
33 to 67
−
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com