Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9178 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 14Page - NXP Semiconductors TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors TDA9178 Datasheet HTML 19Page - NXP Semiconductors TDA9178 Datasheet HTML 20Page - NXP Semiconductors TDA9178 Datasheet HTML 21Page - NXP Semiconductors TDA9178 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1999 Sep 24
18
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
COLOUR TRANSIENT IMPROVEMENT
tr(min)
minimum rise time 10% to 90%
note 5
−
50
−
ns
COLOUR DEPENDENT SHARPNESS
fpc
peaking centre frequency
1fH mode
−
2.0
−
MHz
2fH mode
−
4.0
−
MHz
Qmax
maximum contour amplitude at
centre frequency
note 3
−
6
−
dB
SCAVEM
SCAVEM OUTPUT (PIN SOUT)
Vo(cl)
output voltage level during
clamping
−
2.2
−
V
GY
gain luminance input to SCAVEM
output
0.93
1.04
1.15
BY
bandwidth
1fH mode (−1 dB)
5
−−
MHz
2fH mode (−1 dB)
6.0
−−
MHz
Ro
output resistance
−−
150
Ω
Io(bias)
output bias current
0.8
−−
mA
CL
load capacitance
−−
15
pF
td(SOUT-YOUT)
delay w.r.t. YOUT
−−20
−
ns
Successive approximation ADC
ADC INPUTS (PINS ADEXT1, ADEXT2 AND ADEXT3)
VFS
full-scale input voltage range
with respect to ground
−
2.0
−
V
Ii(bias)
input bias current
−−
0.1
µA
RES
data path resolution
−
6
−
bit
DLE
differential linearity error
−−
1
LSB
ILE
integral linearity error
−−
1
LSB
fcon
conversion frequency
ADEXT1
−
1fV
−
Hz
ADEXT2; ADEXT3
−
0.5fV
−
Hz
Qadt
conversion time (video lines)
each channel
−
8
−
lines
Timing
SANDCASTLE INPUT (PIN SC)
Ii(bias)
input bias current
−−
1
µA
Vsc(bn)
detection level for blank
no clamping
0.9
1.15
1.40
V
Vsc(bc)
detection level for clamp
−
0.9Vtop
−
V
tW(bk)
burst key pulse width
1fH mode
1.8
−−µs
2fH mode
0.9
−−µs
tV
vertical retrace time
6
−−
lines
Vbk(var)(p-p)
ripple on sandcastle burst key level
(peak-to-peak value)
−−
0.04Vtop V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com