Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4863 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB4863 Datasheet HTML 1Page - Kingbor Technology Co KB4863 Datasheet HTML 2Page - Kingbor Technology Co KB4863 Datasheet HTML 3Page - Kingbor Technology Co KB4863 Datasheet HTML 4Page - Kingbor Technology Co KB4863 Datasheet HTML 5Page - Kingbor Technology Co KB4863 Datasheet HTML 6Page - Kingbor Technology Co KB4863 Datasheet HTML 7Page - Kingbor Technology Co KB4863 Datasheet HTML 8Page - Kingbor Technology Co KB4863 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics for Bridged-Mode Operation (Notes 3, 11) (Continued)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
KB4863
Units
(Limits)
Typical
(Note 12)
Limit
(Note 13)
KB4863MTE, R
L =4
Ω
KB4863LQ, R
L =4
Ω
2.7
2.7
W
W
KB4863, R
L =8
Ω
1.5
W
THD+N = 1%, f = 1kHz, R
L =32
Ω
0.34
W
THD+N
Total Harmonic Distortion+Noise
20Hz
≤ f ≤ 20kHz, A
VD =2
KB4863MTE, R
L =4
Ω,P
O =2W
KB4863LQ, R
L =4
Ω,P
O =2W
0.3 0.3
%
KB4863, R
L =8
Ω,P
O = 1W
0.3
%
PSRR
Power Supply Rejection Ratio
V
DD = 5V, VRIPPLE = 200mVRMS,RL =8
Ω,
C
B = 1.0µF
67
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
90
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 1.1W, RL =8
Ω
98
dB
Electrical Characteristics for Single-Ended Operation (Notes 3, 4)
The following specifications apply for V
DD= 5V unless otherwise specified. Limits apply for TA= 25˚C.
Symbol
Parameter
Conditions
KB4863
Units
(Limits)
Typical
(Note 12)
Limit
(Note 13)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
O
Output Power
THD+N = 0.5%, f = 1kHz, R
L =32
Ω
85
75
mW (min)
THD+N = 1%, f = 1kHz, R
L =8
Ω
340
mW
THD+N = 10%, f = 1kHz, R
L =8
Ω
440
mW
THD+N
Total Harmonic Distortion+Noise
A
V = −1, PO = 75mW, 20Hz
≤ f ≤ 20kHz,
R
L =32
Ω
0.2
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF, VRIPPLE = 200mV RMS,
f = 1kHz
52
dB
X
TALK
Channel Separation
f = 1kHz, C
B = 1.0µF
60
dB
SNR
Signal To Noise Ratio
V
DD = 5V, PO = 340mW, RL =8
Ω
95
dB
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 4: The maximum power dissipation is dictated by TJMAX, θ JA, and the ambient temperature TA and must be derated at elevated temperatures. The maximum
allowable power dissipation is PDMAX =(TJMAX −T A)/θJA. For the KB4863, TJMAX = 150˚C. For the θJAs for different packages, please see the Application
Information section or the Absolute Maximum Ratings section.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 6: Machine model, 220 pF–240 pF discharged through all pins.
Note 7: The given
θJA is for an KB4863 packaged in an MXA20A with the exposed−DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 8: The given
θJA is for an KB4863 packaged in an MXA20A with the exposed−DAP soldered to an exposed 1in2 area of 1oz printed circuit board copper.
Note 9: The given
θJA is for an KB4863 packaged in an MXA20A with the exposed-DAP not soldered to printed circuit board copper.
Note 10: The given
θJA is for an KB4863 packaged in an LQA24A with the exposed−DAP soldered to an exposed 2in2 area of 1oz printed circuit board copper.
Note 11: All voltages are measured with respect to the ground (GND) pins unless otherwise specified.
Note 12: Typicals are measured at 25˚C and represent the parametric norm.
Note 13: Limits are guaranteed to Kingbor’s AOQL (Average Outgoing Quality Level).
Note 14: The quiescent power supply current depends on the offset voltage when a practical load is connected to the amplifier.
Note 15: Output power is measured at the device terminals.
Note 16: When driving 3
Ω or 4Ω and operating on a 5V supply, the KB4863LQ and KB4863MTE must be mounted to the circuit board that has a minimum of 2.5in2
of exposed, uninterrupted copper area connected to the LLP package’s exposed DAP.
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
4/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com