Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4863 Datasheet(PDF) 12 Page - Kingbor Technology Co

Part # KB4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863 Datasheet(HTML) 12 Page - Kingbor Technology Co

Back Button KB4863 Datasheet HTML 8Page - Kingbor Technology Co KB4863 Datasheet HTML 9Page - Kingbor Technology Co KB4863 Datasheet HTML 10Page - Kingbor Technology Co KB4863 Datasheet HTML 11Page - Kingbor Technology Co KB4863 Datasheet HTML 12Page - Kingbor Technology Co KB4863 Datasheet HTML 13Page - Kingbor Technology Co KB4863 Datasheet HTML 14Page - Kingbor Technology Co KB4863 Datasheet HTML 15Page - Kingbor Technology Co KB4863 Datasheet HTML 16Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application Information (Continued)
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the KB4863 consists of two pairs of
operational amplifiers, forming a two-channel (channel A and
channel B) stereo amplifier. (Though the following discusses
channel A, it applies equally to channel B.) External resistors
R
f and Ri set the closed-loop gain of Amp1A, whereas two
internal 20k
Ω resistors set Amp2A’s gain at -1. The KB4863
drives a load, such as a speaker, connected between the two
amplifier outputs, -OUTA and +OUTA.
Figure 1 shows that Amp1A’s output serves as Amp2A’s
input. This results in both amplifiers producing signals iden-
tical in magnitude, but 180˚ out of phase. Taking advantage
of this phase difference, a load is placed between -OUTA
and +OUTA and driven differentially (commonly referred to
as ’bridge mode’). This results in a differential gain of
A
VD = 2x(Rf /Ri)
(1)
Bridge mode amplifiers are different from single-ended am-
plifiers that drive loads connected between a single amplifi-
er’s output and ground. For a given supply voltage, bridge
mode has a distinct advantage over the single-ended con-
figuration: its differential output doubles the voltage swing
across the load. This produces four times the output power
when compared to a single-ended amplifier under the same
conditions. This increase in attainable output power as-
sumes that the amplifier is not current limited or that the
output signal is not clipped. To ensure minimum output sig-
nal clipping when choosing an amplifier’s closed-loop gain,
refer to the Audio Power Amplifier Design section.
Another advantage of the differential bridge output is no net
DC voltage across the load. This is accomplished by biasing
channel A’s and channel B’s outputs at half-supply. This
eliminates the coupling capacitor that single supply,
single-ended amplifiers require. Eliminating an output cou-
pling capacitor in a single-ended configuration forces a
single-supply amplifier’s half-supply bias voltage across the
load. This increases internal IC power dissipation and may
permanently damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation (2)
states the maximum power dissipation point for a single-
ended amplifier operating at a given supply voltage and
driving a specified output load
P
DMAX =(VDD)
2 /(2
π2 R
L) Single-Ended
(2)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is higher internal
power dissipation for the same conditions.
The KB4863 has two operational amplifiers per channel. The
maximum internal power dissipation per channel operating in
the bridge mode is four times that of a single-ended ampli-
fier. From Equation (3), assuming a 5V power supply and an
4
Ω load, the maximum single channel power dissipation is
1.27W or 2.54W for stereo operation.
P
DMAX = 4x(VDD)
2 /(2
π2 R
L) Bridge Mode
(3)
The LM4973’s power dissipation is twice that given by Equa-
tion (2) or Equation (3) when operating in the single-ended
* Refer to the section Proper Selection of External Components, for a detailed discussion of CB size.
FIGURE 1. Typical Audio Amplifier Application Circuit
Pin out shown for DIP and SO packages. Refer to the Connection Diagrams for the pinout of the TSSOP,
Exposed-DAP TSSOP, and Exposed-DAP LLP packages.
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
12/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com