Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4863 Datasheet(PDF) 11 Page - Kingbor Technology Co

Part # KB4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863 Datasheet(HTML) 11 Page - Kingbor Technology Co

Back Button KB4863 Datasheet HTML 7Page - Kingbor Technology Co KB4863 Datasheet HTML 8Page - Kingbor Technology Co KB4863 Datasheet HTML 9Page - Kingbor Technology Co KB4863 Datasheet HTML 10Page - Kingbor Technology Co KB4863 Datasheet HTML 11Page - Kingbor Technology Co KB4863 Datasheet HTML 12Page - Kingbor Technology Co KB4863 Datasheet HTML 13Page - Kingbor Technology Co KB4863 Datasheet HTML 14Page - Kingbor Technology Co KB4863 Datasheet HTML 15Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
External Components Description
(Refer to Figure 1.)
Components
Functional Description
1.
R
i
The Inverting input resistance, along with R
f, set the closed-loop gain. Ri, along with Ci, form a high pass
filter with f
c = 1/(2
πR
iCi).
2.
C
i
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
i, along with Ri, create a
highpass filter with f
c = 1/(2
πR
iCi). Refer to the section, SELECTING PROPER EXTERNAL
COMPONENTS, for an explanation of determining the value of C
i.
3.
R
f
The feedback resistance, along with R
i, set the closed-loop gain.
4.
C
s
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of, this capacitor.
5.
C
B
The capacitor, C
B, filters the half-supply voltage present on the BYPASS pin. Refer to the SELECTING
PROPER EXTERNAL COMPONENTS section for information concerning proper placement and selecting
C
B’s value.
Application Information
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATIONS
The KB4863’s exposed-DAP (die attach paddle) packages
(MTE and LQ) provide a low thermal resistance between the
die and the PCB to which the part is mounted and soldered.
This allows rapid heat transfer from the die to the surround-
ing PCB copper traces, ground plane and, finally, surround-
ing air. The result is a low voltage audio power amplifier that
produces 2.2W at
≤ 1% THD with a 4Ω load. This high power
is achieved through careful consideration of necessary ther-
mal design. Failing to optimize thermal design may compro-
mise the KB4863’s high power performance and activate
unwanted, though necessary, thermal shutdown protection.
The MTE and LQ packages must have their DAPs soldered
to a copper pad on the PCB. The DAP’s PCB copper pad is
connected to a large plane of continuous unbroken copper.
This plane forms a thermal mass and heat sink and radiation
area. Place the heat sink area on either outside plane in the
case of a two-sided PCB, or on an inner layer of a board with
more than two layers. Connect the DAP copper pad to the
inner layer or backside copper heat sink area with 32(4x8)
(MTE) or 6(3x2) (LQ) vias. The via diameter should be
0.012in - 0.013in with a 1.27mm pitch. Ensure efficient ther-
mal conductivity by plating-through and solder-filling the
vias.
Best thermal performance is achieved with the largest prac-
tical copper heat sink area. If the heatsink and amplifier
share the same PCB layer, a nominal 2.5in
2 (min) area is
necessary for 5V operation with a 4
Ω load. Heatsink areas
not placed on the same PCB layer as the KB4863 should be
5in
2 (min) for the same supply voltage and load resistance.
The last two area recommendations apply for 25˚c ambient
temperature. Increase the area to compensate for ambient
temperatures above 25˚c. In systems using cooling fans, the
KB4863MTE can take advantage of forced air cooling. With
an air flow rate of 450 linear-feet per minute and a 2.5in
2
exposed copper or 5.0in
2 inner layer copper plane heatsink,
the KB4863MTE can continuously drive a 3
Ω load to full
power. The KB4863LQ achieves the same output power
level without forced air cooling. In all circumstances and
conditions, the junction temperature must be held below
150˚C to prevent activating the KB4863’s thermal shutdown
protection. The KB4863’s power de-rating curve in the Typi-
cal Performance Characteristics shows the maximum
power dissipation versus temperature. Example PCB layouts
for the exposed-DAP TSSOP and LLP packages are shown
in the Demonstration Board Layout section. Further de-
tailed and specific information concerning PCB layout, fabri-
cation, and mounting an LLP package is available from
Kingbor Semiconductor’s package Engineering Group.
When contacting them, ask for ’Preliminary Application Note
for the Assembly of the LLP Package on a Printed Circuit
Board, Revision A dated 11/24/05.’
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.1W to 2.0W.
This problem of decreased load dissipation is exacerbated
as load impedance decreases. Therefore, to maintain the
highest load dissipation and widest output voltage swing,
PCB traces that connect the output pins to a load must be as
wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
11/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com