Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB4863 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB4863 Datasheet HTML 1Page - Kingbor Technology Co KB4863 Datasheet HTML 2Page - Kingbor Technology Co KB4863 Datasheet HTML 3Page - Kingbor Technology Co KB4863 Datasheet HTML 4Page - Kingbor Technology Co KB4863 Datasheet HTML 5Page - Kingbor Technology Co KB4863 Datasheet HTML 6Page - Kingbor Technology Co KB4863 Datasheet HTML 7Page - Kingbor Technology Co KB4863 Datasheet HTML 8Page - Kingbor Technology Co KB4863 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagrams
Top View
Order Number KB4863M, KB4863N
M16B for SO
N16E for DIP
Top View
Order Number KB4863MT
MTC20 for TSSOP
Top View
Order Number KB4863MTE
MXA20A for Exposed-DAP
TSSOP
Top View
Order Number KB4863LQ
LQA24A for Exposed-DAP LLP
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
2/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com