Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADA4941-1
Data Sheet
Rev. D | Page 6 of 23
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
12 V
Power Dissipation
See Figure 3
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses at or abovethoselisted under AbsoluteMaximum
Ratings may cause permanent damageto the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditionsfor extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-caseconditions, that is, θJA is
specified for a device soldered in the circuit board with its
exposed paddle soldered to a pad (if applicable)on the PCB
surface that is thermally connected to a copperplane,with zero
airflow.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC on 4-Layer Board
126
28
°C/W
8-Lead LFCSP with EP on 4-Layer Board
83
19
°C/W
MAXIMUM POWER DISSIPATION
The maximum safepower dissipation in the ADA4941-1
package is limited by the associated rise in junction temperature
(TJ) on the die. At approximately 150°C, which is the glass
transition temperature, the plasticchanges its properties. Even
temporarily exceeding this temperaturelimit can change the
stresses thatthe package exerts on the die, permanently shifting
the parametricperformanceof the ADA4941-1. Exceeding a
junction temperatureof 150°C for an extended period can
result in changes in the silicon devices potentially causing
failure.
The power dissipated in the package (PD)is the sum of the
quiescent powerdissipation and the power dissipated in the
package due to the load drive for all outputs. The quiescent
power is the voltage between the supply pins (VS)times the
quiescent current (IS). The power dissipated due to the load
drive depends upon the particular application. For each output,
the power due to load drive is calculated by multiplying the load
current by the associated voltagedropacrossthe device. The
power dissipated due to all of the loads is equal to the sum of
the power dissipation dueto each individual load. RMS voltages
and currents must be usedin these calculations.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads
from metal traces, through holes, ground, and power planes
reduces the θJA. The exposed paddle on the undersideof the
package must be solderedto a pad on the PCB surface thatis
thermally connectedtoa copperplanetoachievethespecified θJA.
Figure 3 shows the maximum safe power dissipation in the
packages vs. the ambient temperaturefor the 8-lead SOIC
(126°C/W) and for the 8-lead LFCSP (83°C/W)on a JEDEC
standard 4-layer board. TheLFCSP must haveits underside
paddle soldered to a pad that is thermally connectedto a PCB
plane. θJA values are approximations.
2.5
0
–40
120
AMBIENT TEMPERATURE (°C)
2.0
1.5
1.0
0.5
–20
0
20
40
60
80
100
LFCSP
SOIC
Figure 3. MaximumPower Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com