Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADA4941-1
Rev. D | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
FB
REF
V+
OUT+
IN
DIS
V–
OUT–
ADA4941-1
3
4
1
2
6
5
8
7
NOTES
1. THE EXPOSED PAD IS NOT ELECTRICALLY CONNECTED TO THE DEVICE.
IT IS TYPICALLY SOLDERED TO GROUND OR A POWER PLANE ON THE PCB
THAT IS THERMALLY CONDUCTIVE.
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead LFCSP Pin Configuration
FB 1
REF 2
V+ 3
OUT+ 4
IN
8
DIS
7
V–
6
OUT–
5
ADA4941-1
(Not to Scale)
TOP VIEW
Figure 5. 8-Lead SOIC Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FB
Feedback Input.
2
REF
Reference Input.
3
V+
Positive Power Supply.
4
OUT+
Noninverting Output.
5
OUT−
Inverting Output.
6
V−
Negative Power Supply.
7
DIS
Disable.
8
IN
Input.
EPAD (LFCSP Only)
Exposed Paddle. The exposed pad is not electrically connected to the device. It is typically soldered to
ground or a power plane on the PCB that is thermally conductive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com