Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4941-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADA4941-1
Data Sheet
Rev. D | Page 10 of 23
–65
–75
–85
–95
–105
–115
–125
–135
020
OUTPUT AMPLITUDE (V p-p)
VS = +5V
f = 10kHz
VS = ±5V
VS = +3V
2468
10
12
14
16
18
HD2
HD2
HD2
HD3
HD3
HD3
Figure 18. Distortion vs. Output Amplitude for Various Supplies (G = +2)
–60
–140
0.1
10
1
1000
FREQUENCY (kHz)
100
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
HD3
HD3
HD2
VS = +3V
VS = +5V
VS =±5V
HD2
VO, dm = 2V p-p
VREF = MIDSUPPLY
Figure 19. Distortion vs. Frequency for Various Supplies
–60
–140
0.1
10
1
1000
FREQUENCY (kHz)
100
VO = 2V p-p
VO = 6V p-p
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
HD3
HD2
HD3
HD2
Figure 20. Distortion vs. Frequency at Various Output Amplitudes
HD3
–65
–145
020
OUTPUT AMPLITUDE (V p-p)
DIFFERENTIAL G = –2
f = 10kHz
2468
10
12
14
16
18
–75
–85
–95
–105
–115
–125
–135
VS = +5V
VS = ±5V
VS = +3V
HD2
HD3
HD3
Figure 21. Distortion vs. Output Amplitude for Various Supplies (G = −2)
–70
–140
0.1
10
1
1000
FREQUENCY (kHz)
100
HD3
HD3
HD3
G = –2
G = +2
G = +4
VO, dm = 2V p-p
VREF = MIDSUPPLY
–80
–90
–100
–110
–120
–130
HD2
HD2
Figure 22. Distortion vs. Frequency for Various Gains
0.12
–0.12
50ns/DIV
VOUT = 200mV p-p
0.08
0.04
0
–0.04
–0.08
CL =0pF
CL = 20pF
Figure 23. Small Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com