Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4941-1YRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4941-1YRZ-R7
Description  Single-Supply, Differential, 18-Bit ADC Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4941-1YRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4941-1YRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4941-1YRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Single-Supply, Differential,
18-Bit ADC Driver
Data Sheet
ADA4941-1
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-ended-to-differential converter
Excellent linearity
Distortion −110 dBc at 100 kHz for VO, dm = 2 V p-p
Low noise: 10.2 nV/√Hz, output-referred, G = 2
Extremely low power: 2.2 mA (3 V supply)
High input impedance: 24 MΩ
User-adjustable gain
High speed: 31 MHz, −3 dB bandwidth (G = +2)
Fast settling time: 300 ns to 0.005% for a 2 V step
Low offset: 0.8 mV maximum, output-referred, G = 2
Rail-to-rail output
Disable feature
Wide supply voltage range: 2.7 V to 12 V
Available in space-saving, 3 mm × 3 mm LFCSP
APPLICATIONS
Single-supply data acquisition systems
Instrumentation
Process control
Battery-power systems
Medical instrumentation
FUNCTIONAL BLOCK DIAGRAM
DIS
4
3
2
1
IN
OUT–
OUT+
V+
REF
FB
V–
7
8
5
6
Figure 1.
GENERAL DESCRIPTION
The ADA4941-1 is a low power, low noise differential driver for
analog-to-digital converters (ADCs) up to 18 bits in systems
that are sensitive to power. The ADA4941-1 is configured in an
easy-to-use, single-ended-to-differential configuration and
requires no external components for a gain of 2 configuration.
A resistive feedback network can be added to achieve gains greater
than 2. The ADA4941-1 provides essential benefits, such as low
distortion and high SNR that are required for driving high
resolution ADCs.
With a wide input voltage range (0 V to 3.9 V on a single 5 V
supply), rail-to-rail output, high input impedance, and a user-
adjustable gain, the ADA4941-1 is designed to drive single-supply
ADCs with differential inputs found in a variety of low power
applications, including battery-operated devices and single-
supply data acquisition systems.
The ADA4941-1 is ideal for driving the 16-bit and 18-bit
PulSAR® ADCs, such as the AD7687, AD7690, and AD7691.
The ADA4941-1 is manufactured on Analog Devices, Inc.,
proprietary, second-generation, eXtra fast complementary
bipolar (XFCB) process, which enables the amplifier to achieve
18-bit performance on low supply currents.
The ADA4941-1 is available in a small 8-lead LFCSP as well as a
standard 8-lead SOIC and is rated to work over the extended
industrial temperature range, −40°C to +125°C.
–60
–140
0.1
10
1
1000
FREQUENCY (kHz)
100
VO = 2V p-p
VO = 6V p-p
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
HD3
HD2
HD3
HD2
Figure 2. Distortion vs. Frequency at Various Output Amplitudes


Similar Part No. - ADA4941-1YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4941-1YRZ-R7 AD-ADA4941-1YRZ-R7 Datasheet
500Kb / 24P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1YRZ-R7 AD-ADA4941-1YRZ-R7 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
More results

Similar Description - ADA4941-1YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
ADA4922-1 AD-ADA4922-1 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
10/05-Revision 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
Single-Supply, Differential 18-Bit ADC Driver
REV. C
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
ADA4922-1 AD-ADA4922-1_16 Datasheet
513Kb / 20P
High Voltage, Differential 18-Bit ADC Driver
REV. A
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
Single-Supply, Differential, 18-Bit ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com