Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 112 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 112 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 108Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 109Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 110Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 111Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 112Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 113Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 114Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 115Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 110
Preliminary
© 2007 Microchip Technology Inc.
9.4.3.3
Peripheral Mapping
The control schema of peripheral select pins is not
limited to a small range of fixed peripheral
configurations. There are no mutual or hardware-
enforced lockouts between any of the peripheral
mapping SFRs. Literally any combination of peripheral
mappings across any or all of the RPn pins is possible.
This includes both many-to-one and one-to-many
mappings of peripheral inputs and outputs to pins.
While such mappings may be technically possible from
a configuration point of view, they may not be
supportable electrically.
9.4.4
CONTROLLING CONFIGURATION
CHANGES
Because peripheral remapping can be changed during
run time, some restrictions on peripheral remapping
are needed to prevent accidental configuration
changes. dsPIC33F devices include three features to
prevent alterations to the peripheral map:
• Control register lock sequence
• Continuous state monitoring
• Configuration bit pin select lock
9.4.4.1
Control Register Lock
Under normal operation, writes to the RPINRx and
RPORx registers are not allowed. Attempted writes
appear to execute normally, but the contents of the reg-
isters remain unchanged. To change these registers,
they must be unlocked in hardware. The register lock is
controlled by the IOLOCK bit (OSCCON<6>). Setting
IOLOCK prevents writes to the control registers;
clearing IOLOCK allows writes.
To set or clear IOLOCK, a specific command sequence
must be executed:
1.
Write 0x46 to OSCCON<7:0>.
2.
Write 0x57 to OSCCON<7:0>.
3.
Clear (or set) IOLOCK as a single operation.
Unlike the similar sequence with the oscillator’s LOCK
bit, IOLOCK remains in one state until changed. This
allows all of the peripheral pin selects to be configured
with a single unlock sequence followed by an update to
all control registers, then locked with a second lock
sequence.
9.4.4.2
Continuous State Monitoring
In addition to being protected from direct writes, the
contents of the RPINRx and RPORx registers are
constantly monitored in hardware by shadow registers.
If an unexpected change in any of the registers occurs
(such as cell disturbances caused by ESD or other
external events), a configuration mismatch Reset will
be triggered.
9.4.4.3
Configuration Bit Pin Select Lock
As an additional level of safety, the device can be
configured to prevent more than one write session to
the RPINRx and RPORx registers. The IOL1WAY
(FOSC<IOL1WAY>) configuration bit blocks the
IOLOCK bit from being cleared after it has been set
once. If IOLOCK remains set, the register unlock
procedure will not execute, and the peripheral pin
select control registers cannot be written to. The only
way to clear the bit and re-enable peripheral remapping
is to perform a device Reset.
In the default (unprogrammed) state, IOL1WAY is set,
restricting users to one write session. Programming
IOL1WAY allows user applications unlimited access
(with the proper use of the unlock sequence) to the
peripheral pin select registers.
9.4.5
CONSIDERATIONS FOR
PERIPHERAL PIN SELECTION
The ability to control peripheral pin selection introduces
several considerations into application design, includ-
ing several common peripherals that are available only
as remappable peripherals.
9.4.5.1
Initialization and Locks
The main consideration is that the peripheral pin
selects are not available on default pins in the device’s
default (reset) state. More specifically, since all
RPINRx and RPORx registers reset to 0000h, this
means all peripheral pin select inputs are tied to RP0,
while all peripheral pin select outputs are disconnected.
This means that before any other application code is
executed, the user application must initialize the device
with the proper peripheral configuration.
Since the IOLOCK bit resets in the unlocked state, it is
not necessary to execute the unlock sequence after
the device has come out of Reset. For the sake of
application safety, however, it is always a good idea to
set IOLOCK and lock the configuration after writing to
the control registers.
The unlock sequence must be executed as an
assembly-language routine, in the same manner as
changes to the oscillator configuration, because the
unlock sequence is timing-critical. If the bulk of the
application is written in C or another high-level
language, the unlock sequence should be performed
by writing inline assembler.
Note:
MPLAB® C30 provides built-in C language
functions for unlocking the OSCCON
register:
__builtin_write_OSCCONL(value)
__builtin_write_OSCCONH(value)
See MPLAB IDE Help for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com