Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 113 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 113 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 109Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 110Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 111Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 112Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 113Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 114Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 115Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 116Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 111
dsPIC33FJ12MC201/202
9.4.5.2
Choosing the Configuration
Choosing the configuration requires review of all
peripheral pin selects and their pin assignments,
especially those that will not be used in the application.
In all cases, unused pin selectable peripherals should
be disabled completely. Unused peripherals should
have their inputs assigned to an unused RPn pin
function. I/O pins with unused RPn functions should be
configured with the null peripheral output.
The assignment of a peripheral to a particular pin does
not automatically perform any other configuration of the
pin’s I/O circuitry. This means adding a pin selectable
output to a pin can inadvertently drive an existing
peripheral input when the output is driven. Program-
mers must be familiar with the behavior of other fixed
peripherals that share a remappable pin, and know
when to enable or disable them. To be safe, fixed digital
peripherals that share the same pin should be disabled
when not in use.
9.4.5.3
Pin Operation
Configuring a remappable pin for a specific peripheral
does not automatically turn that feature on. The
peripheral
must
be
specifically
configured
for
operation and enabled, as if it were tied to a fixed pin.
Where this happens in the application code
(immediately following device Reset and peripheral
configuration, or inside the main application routine)
depends on the peripheral and its use in the
application.
9.4.5.4
Analog Functions
A final consideration is that peripheral pin select
functions
neither
override
analog
inputs
nor
reconfigure pins with analog functions for digital I/O. If
a pin is configured as an analog input on device Reset,
it must be explicitly reconfigured as digital I/O when
used with a peripheral pin select.
9.4.5.5
Configuration Example
Example 9-2 shows a configuration for bidirectional
communication with flow control using UART1. The
following input and output functions are used:
• Input Functions: U1RX, U1CTS
• Output Functions: U1TX, U1RTS
EXAMPLE 9-2:
CONFIGURING UART1
INPUT AND OUTPUT
FUNCTIONS
//*************************************
// Unlock Registers
//*************************************
asm volatile ( "mov #OSCCONL, w1
\n"
"mov #0x46, w2
\n"
"mov #0x57, w3
\n"
"mov.b w2, [w1]
\n"
"mov.b w3, [w1]
\n"
"bclr OSCCON, 6");
//***************************
// Configure Input Functions
// (See Table 9-1)
//***************************
//***************************
// Assign U1Rx To Pin RP0
//***************************
RPINR18bits.U1RXR = 0;
//***************************
// Assign U1CTS To Pin RP1
//***************************
RPINR18bits.U1CTSR = 1;
//***************************
// Configure Output Functions
// (See Table 9-2)
//***************************
//***************************
// Assign U1Tx To Pin RP2
//***************************
RPOR1bits.RP2R = 3;
//***************************
// Assign U1RTS To Pin RP3
//***************************
RPOR1bits.RP3R = 4;
//*************************************
// Lock Registers
//*************************************
asm volatile ( "mov #OSCCONL, w1
\n"
"mov #0x46, w2
\n"
"mov #0x57, w3
\n"
"mov.b w2, [w1]
\n"
"mov.b w3, [w1]
\n"
"bset OSCCON, 6");



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com