Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 141 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 141 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 137Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 138Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 139Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 140Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 141Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 142Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 144Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 139
dsPIC33FJ12MC201/202
13.0 OUTPUT COMPARE
13.1
Setup for Single Output Pulse
Generation
When the OCM control bits (OCxCON<2:0>) are set to
‘100’, the selected output compare channel initializes
the OCx pin to the low state and generates a single
output pulse.
To generate a single output pulse, the following steps
are required. These steps assume timer source is
initially turned off but this is not a requirement for the
module operation.
1. Determine the instruction clock cycle time. Take
into account the frequency of the external clock to
the timer source (if one is used) and the timer
prescaler settings.
2. Calculate time to the rising edge of the output
pulse relative to the TMRy start value (0000h).
3. Calculate the time to the falling edge of the pulse
based on the desired pulse width and the time to
the rising edge of the pulse.
4. Write the value computed in step 2 into the Output
Compare register, OCxR, and the value computed
in step 3 into the Output Compare Secondary
register, OCxRS.
5. Set Timer Period register, PRy, to a value equal to
or greater than value in OCxRS, the Output
Compare Secondary register.
6. Set the OCM bits to ‘100’ and the OCTSEL
(OCxCON<3>) bit to the desired timer source. The
OCx pin state will now be driven low.
7. Set the TON (TyCON<15>) bit to ‘1’, which
enables the compare time base to count. Upon the
first match between TMRy and OCxR, the OCx pin
will be driven high.
When the incrementing timer, TMRy, matches the
Output Compare Secondary register, OCxRS, the
second and trailing edge (high-to-low) of the pulse
is driven onto the OCx pin. No additional pulses
are driven onto the OCx pin and it remains at low.
As a result of the second compare match event,
the OCxIF interrupt flag bit is set. This will result in
an interrupt if it is enabled by setting the OCxIE bit.
For further information on peripheral interrupts,
refer to Section 6.0 “Interrupt Controller”.
8. To initiate another single pulse output, change the
Timer and Compare register settings, if needed,
and then issue a write to set the OCM bits to ‘100’.
Disabling and re-enabling the timer, and clearing
the TMRy register, are not required, but may be
advantageous for defining a pulse from a known
event time boundary.
The output compare module does not have to be
disabled after the falling edge of the output pulse.
Another pulse can be initiated by rewriting the value of
the OCxCON register.
13.2
Setup for Continuous Output
Pulse Generation
When the OCM control bits (OCxCON<2:0>) are set to
‘101’, the selected output compare channel initializes
the OCx pin to the low state and generates output
pulses on each and every compare match event.
To configure the module for generation of a continuous
stream of output pulses, the following steps are
required. These steps assume timer source is initially
turned off, but this is not a requirement for the module
operation.
1. Determine the instruction clock cycle time. Take
into account the frequency of the external clock to
the timer source (if one is used) and the timer
prescaler settings.
2. Calculate time to the rising edge of the output pulse
relative to the TMRy start value (0000h).
3. Calculate the time to the falling edge of the pulse,
based on the desired pulse width and the time to the
rising edge of the pulse.
4. Write the values computed in step 2 into the Output
Compare register, OCxR, and value computed in
step 3 into the Output Compare Secondary register,
OCxRS.
5. Set Timer Period register, PRy, to a value equal to
or greater than value in OCxRS, the Output
Compare Secondary register.
6. Set the OCM bits to ‘101’ and the OCTSEL bit to the
desired timer source. The OCx pin state will now be
driven low.
7. Enable the compare time base by setting the TON
(TyCON<15>) bit to ‘1’. Upon the first match
between TMRy and OCxR, the OCx pin will be
driven high.
When the compare time base, TMRy, matches the
Output Compare Secondary register, OCxRS, the
second and trailing edge (high-to-low) of the pulse
is driven onto the OCx pin.
As a result of the second compare match event,
the OCxIF interrupt flag bit is set. When the com-
pare time base and the value in its respective
Timer Period register match, the TMRy register
resets to 0x0000 and resumes counting.
These events repeat and a continuous stream of
pulses is generated indefinitely. The OCxIF flag is
set on each OCxRS-TMRy compare match event.
Note:
This data sheet summarizes the features
of the dsPIC33FJ12MC201/202 devices.
It is not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“dsPIC33F Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
dsPIC33F Family Reference Manual
chapters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com