Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 142 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 142 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 138Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 139Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 140Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 141Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 142Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 144Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 145Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 140
Preliminary
© 2007 Microchip Technology Inc.
13.3
Pulse-Width Modulation Mode
Use the following steps when configuring the output
compare module for PWM operation:
1.
Set the PWM period by writing to the selected
Timer Period register (PRy).
2.
Set the PWM duty cycle by writing to the OCxRS
register.
3.
Write the OxCR register with the initial duty cycle.
4.
Enable interrupts, if required, for the timer and
output compare modules. The output compare
interrupt is required for PWM Fault pin utilization.
5.
Configure the output compare module for one of
two PWM operation modes by writing to the
Output
Compare
Mode
bits,
OCM<2:0>
(OCxCON<2:0>).
6.
Set the TMRy prescale value and enable the
time base by setting TON = 1 (TxCON<15>).
13.3.1
PWM PERIOD
The PWM period is specified by writing to PRy, the
Timer Period register. The PWM period can be
calculated using Equation 13-1:
EQUATION 13-1:
CALCULATING THE PWM
PERIOD
13.3.2
PWM DUTY CYCLE
Specify the PWM duty cycle by writing to the OCxRS reg-
ister. The OCxRS register can be written to at any time,
but the duty cycle value is not latched into OCxR until a
match between PRy and TMRy occurs (i.e., the period is
complete). This provides a double buffer for the PWM duty
cycle and is essential for glitchless PWM operation. In the
PWM mode, OCxR is a read-only register.
Some important boundary parameters of the PWM duty
cycle include:
• If the Output Compare register, OCxR, is loaded
with 0000h, the OCx pin will remain low (0% duty
cycle).
• If OCxR is greater than PRy (Timer Period register),
the pin will remain high (100% duty cycle).
• If OCxR is equal to PRy, the OCx pin will be low
for one time base count value and high for all
other count values.
See Example 13-1 for PWM mode timing details.
Tables 13-1
through 13-3
show
example
PWM
frequencies and resolutions for a device operating at
4, 16, and 40 MIPS.
EQUATION 13-2:
CALCULATION FOR MAXIMUM PWM RESOLUTION
EXAMPLE 13-1:
PWM PERIOD AND DUTY CYCLE CALCULATIONS
Note:
The OCxR register should be initialized
before the output compare module is first
enabled. The OCxR register becomes a
read-only duty cycle register when the
module is operated in the PWM modes.
The value held in OCxR will become the
PWM duty cycle for the first PWM period.
The contents of the Output Compare
Secondary register, OCxRS, will not be
transferred into OCxR until a time base
period match occurs.
Note:
A PRy value of N will produce a PWM
period of N + 1 time base count cycles. For
example, a value of 7 written into the PRy
register will yield a period consisting of
eight time base cycles.
PWM Period = [(PRy) + 1] • TCY • (Timer Prescale Value)
PWM Frequency = 1/[PWM Period]
where:
(
)
Maximum PWM Resolution (bits) =
FCY
FPWM
log10
log10(2)
bits
1.
Find the Timer Period register value for a desired PWM frequency that is 52.08 kHz, where FCY = 16 MHz and a Timer2
prescaler setting of 1:1.
TCY
= 62.5 ns
PWM Period = 1/PWM Frequency = 1/52.08 kHz = 19.2
μs
PWM Period = (PR2 + 1) • TCY • (Timer2 Prescale Value)
19.2
μs
= (PR2 + 1) • 62.5 ns • 1
PR2
= 306
2.
Find the maximum resolution of the duty cycle that can be used with a 52.08 kHz frequency and a 32 MHz device clock rate:
PWM Resolution
= log10(FCY/FPWM)/log102) bits
=(log10(16 MHz/52.08 kHz)/log102) bits
= 8.3 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com