Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 146Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 147Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 148Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 149Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 150Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 151Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 152Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 153Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 148
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 14-3:
EDGE-ALIGNED PWM
14.6
Center-Aligned PWM
Center-aligned PWM signals are produced by the
module when the PWM time base is configured in an
Up/Down Count mode (see Figure 14-4).
The PWM compare output is driven to the active state
when the value of the Duty Cycle register matches the
value of PxTMR and the PWM time base is counting
downward (PTDIR = 1). The PWM compare output is
driven to the inactive state when the PWM time base is
counting upward (PTDIR = 0) and the value in the
PxTMR register matches the duty cycle value.
If the value in a particular Duty Cycle register is zero,
the output on the corresponding PWM pin is inactive for
the entire PWM period. In addition, the output on the
PWM pin is active for the entire PWM period if the value
in the Duty Cycle register is equal to the value held in
the PxTPER register.
FIGURE 14-4:
CENTER-ALIGNED PWM
14.7
PWM Duty Cycle Comparison
Units
Three 16-bit Special Function Registers (PxDC1,
PxDC2, PxDC3) are used to specify duty cycle values
for the PWM module.
The value in each Duty Cycle register determines the
amount of time that the PWM output is active. The Duty
Cycle registers are 16 bits wide. The Least Significant
bit (LSb) of a Duty Cycle register determines whether
the PWM edge occurs in the beginning. Thus the PWM
resolution is effectively doubled.
14.7.1
DUTY CYCLE REGISTER BUFFERS
The three PWM Duty Cycle registers are double-
buffered to allow glitchless updates of the PWM
outputs. For each duty cycle, there is a Duty Cycle
register that is accessible by the user application and
a second Duty Cycle register that holds the actual
compare value used in the present PWM period.
For edge-aligned PWM output, a new duty cycle value
will be updated whenever a match with the PxTPER
register occurs and PxTMR is reset. The contents of
the duty cycle buffers are automatically loaded into the
Duty Cycle registers when the PWM time base is
disabled (PTEN = 0) and the UDIS bit is cleared in
PWMxCON2.
When the PWM time base is in the Up/Down Count
mode, new duty cycle values are updated when the
value of the PxTMR register is zero, and the PWM time
base begins to count upward. The contents of the duty
cycle buffers are automatically loaded into the Duty
Cycle registers when the PWM time base is disabled
(PTEN = 0).
When the PWM time base is in the Up/Down Count
mode with double updates, new duty cycle values are
updated when the value of the PxTMR register is zero,
and when the value of the PxTMR register matches the
value in the PxTPER register. The contents of the duty
cycle buffers are automatically loaded into the Duty
Cycle registers when the PWM time base is disabled
(PTEN = 0).
Period
Duty Cycle
0
PxTPER
PXTMR
Value
New Duty Cycle Latched
0
PxTPER
PTMR
Value
Period
Period/2
Duty
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com