Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12MC02ESS Datasheet(PDF) 152 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESS
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESS Datasheet(HTML) 152 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESS Datasheet HTML 148Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 149Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 150Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 151Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 152Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 153Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 154Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 155Page - Microchip Technology DSPIC33FJ12MC02ESS Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 284 page
background image
dsPIC33FJ12MC201/202
DS70265B-page 150
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 14-5:
DEAD-TIME TIMING DIAGRAM
14.9.2
DEAD-TIME ASSIGNMENT
The PxDTCON2 SFR contains control bits that allow
the dead times to be assigned to each of the comple-
mentary outputs. Table 14-1 summarizes the function
of each dead-time selection control bit.
TABLE 14-1:
DEAD-TIME SELECTION BITS
14.9.3
DEAD-TIME RANGES
The amount of dead time provided by each dead-time
unit is selected by specifying the input clock prescaler
value and a 6-bit unsigned value. The amount of dead
time provided by each unit can be set independently.
Four input clock prescaler selections have been pro-
vided to allow a suitable range of dead times, based on
the device operating frequency. The clock prescaler
option can be selected independently for each of the
two dead-time values. The dead-time clock prescaler
values are selected using the DTAPS<1:0> and
DTBPS<1:0> control bits in the PxDTCON1 SFR. One
of four clock prescaler options (TCY, 2 TCY, 4 TCY or 8
TCY) can be selected for each of the dead-time values.
After the prescaler values are selected, the dead time
for each unit is adjusted by loading two 6-bit unsigned
values into the PxDTCON1 SFR.
The dead-time unit prescalers are cleared on the
following events:
• On a load of the down timer due to a duty cycle
comparison edge event.
• On a write to the PxDTCON1 or PxDTCON2
registers.
• On any device Reset.
Duty Cycle Generator
PWMxH
PWMxL
Time Selected by DTSxA bit (A or B)
Time Selected by DTSxI bit (A or B)
Bit
Function
DTS1A Selects PWMxL1/PWMxH1 active edge
dead time.
DTS1I
Selects PWMxL1/PWMxH1 inactive edge
dead time.
DTS2A Selects PWMxL2/PWMxH2 active edge
dead time.
DTS2I
Selects PWMxL2/PWMxH2 inactive edge
dead time.
DTS3A Selects PWMxL3/PWMxH3 active edge
dead time.
DTS3I
Selects PWMxL3/PWMxH3 inactive edge
dead time.
Note:
The user application should not modify the
PxDTCON1 or PxDTCON2 values while
the PWM module is operating (PTEN = 1).
Unexpected results can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com