Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2DF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJRF2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2DF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJRF2N2DF Datasheet HTML 1Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 2Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 3Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Chip Inductors
ELJRF1N0DF2
ELJRF1N2DF2
ELJRF1N5DF2
ELJRF1N8DF2
ELJRF2N2DF2
ELJRF2N7DF2
ELJRF3N3DF2
ELJRF3N9DF2
ELJRF4N7DF2
ELJRF5N6DF2
ELJRF6N8JF2
ELJRF8N2JF2
ELJRF10NJF2
ELJRF12NJF2
ELJRF15NJF2
ELJRF18NJF2
ELJRF22NJF2
ELJRF27NJF2
ELJRF33NJF2
ELJRF39NJF2
ELJRF47NJF2
ELJRF56NJF2
ELJRF68NJF2
ELJRF82NJF2
ELJRFR10JF2
1. Non Magnetic Core Types RF, RE, ND, NC, NA
s Examples : Type 1005(0402)RF
nH
Tolerance
1.0
1.2
1.5
1.8
2.2
±0.3 nH
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
± 5%
27
33
39
47
56
68
82
100
Q
min.
8
Q
(800 MHz)
21
21
21
21
21
21
21
20
20
20
19
19
19
19
19
19
19
19
18
18
17
17
15
15
14
SRF.V1
min.(MHz)
6000
6000
6000
6000
6000
5500
5500
5200
4800
4600
4000
3500
2800
2800
2500
2200
2000
1800
1800
1800
1800
1500
1500
1400
1200
DCR.V2
max.(Ω)
0.05
0.06
0.07
0.08
0.09
0.10
0.12
0.15
0.17
0.19
0.30
0.35
0.41
0.45
0.60
0.70
0.80
1.2
1.4
1.7
2.1
2.5
4.0
4.5
5.5
DC current
max.(mA)
400
400
400
400
400
400
400
360
360
340
320
320
320
320
240
240
200
200
170
150
140
130
120
110
090
s Performance Characteristics
Type: 1005 (0402) RF
Part No.
Inductnce
Typical
L,Q
Test-Freq.
(MHz)
100
V
1 : Self Resonant Frequency V2 : DC Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com