Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2DF Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJRF2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2DF Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ELJRF2N2DF Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 9Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 10Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 11Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)FA
µH
Tolerance
0.22
230
0.29
360
0.27
210
0.32
345
0.33
190
0.35
330
0.39
±20 %
25
25.2
175
0.39
305
0.47
±10 %
160
0.44
290
0.56
150
0.49
275
0.68
135
0.55
260
0.82
125
0.61
245
1.0
115
0.69
230
1.2
100
0.75
215
1.5
90
0.75
210
1.8
85
0.82
200
2.2
80
0.95
190
2.7
7.96
75
1.1
180
3.3
65
1.2
180
3.9
60
1.3
175
4.7
55
1.5
165
5.6
50
1.6
160
6.8
45
1.8
150
8.2
30
40
2.0
140
10
36
2.1
140
12
±10 %
33
2.5
125
15
30
2.8
120
18
±5 %
27
3.3
110
22
25
3.7
105
27
2.52
22
5.0
90
33
20
5.6
85
39
20
6.4
80
47
15
7.0
75
56
15
8.0
70
68
15
9.0
65
82
11
10
60
100
10
10
60
120
10
11
55
150
20
0.796
8
15
50
180
7
17
50
220
7
21
45
ELJFAR22M/KF2
ELJFAR27M/KF2
ELJFAR33M/KF2
ELJFAR39M/KF2
ELJFAR47M/KF2
ELJFAR56M/KF2
ELJFAR68M/KF2
ELJFAR82M/KF2
ELJFA1R0K/JF2
ELJFA1R2K/JF2
ELJFA1R5K/JF
ELJFA1R8K/JF
ELJFA2R2K/JF
ELJFA2R7K/JF
ELJFA3R3K/JF
ELJFA3R9K/JF
ELJFA4R7K/JF
ELJFA5R6K/JF
ELJFA6R8K/JF
ELJFA8R2K/JF
ELJFA100K/JF
ELJFA120K/JF
ELJFA150K/JF
ELJFA180K/JF
ELJFA220K/JF
ELJFA270K/JF
ELJFA330K/JF
ELJFA390K/JF
ELJFA470K/JF
ELJFA560K/JF
ELJFA680K/JF
ELJFA820K/JF
ELJFA101K/JF
ELJFA121K/JF
ELJFA151K/JF
ELJFA181K/JF
ELJFA221K/JF
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com