Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2DF Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ELJRF2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2DF Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ELJRF2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 9Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 10Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 11Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 12Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 13Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 14Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Chip Inductors
s Dimensions in mm (not to scale)
s Recommended Land Pattern in mm (not to scale)
Type
a
b
c
RF
0.5~0.6
1.5~1.7
0.5~0.6
1E
0.8~1.0
2.0~2.6
0.7~0.9
ND
1.0~1.2
3.0~3.8
0.9~1.3
1C
1.4~1.5
3.5~4.0
1.2~1.6
1A
1.6~2.0
4.0~4.6
1.9~2.4
FB
2.4~2.6
5.5~6.0
2.0~3.0
Type RE, PE
(1.6×0.8×0.8)
Type ND
(2.0×1.25×1.25)
Type RF
(1.0×0.5×0.5)
1E: RE, PE
1C: NC, FC, PC
1A: NA, FA, SA, PA, EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com