Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRF2N2DF Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ELJRF2N2DF
Description  Chip inductors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF2N2DF Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ELJRF2N2DF Datasheet HTML 1Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 2Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 3Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 4Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 5Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 6Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 7Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 8Page - Panasonic Semiconductor ELJRF2N2DF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Chip Inductors
100
25.2
7.96
ELJND10NKF
ELJND12NKF
ELJND15NKF
ELJND18NKF
ELJND22NKF
ELJND27NKF
ELJND33NJ/KF
ELJND39NJ/KF
ELJND47NJ/KF
ELJND56NJ/KF
ELJND68NJ/KF
ELJND82NJ/KF
ELJNDR10J/KF
ELJNDR12J/KF
ELJNDR15J/KF
ELJNDR18J/KF
ELJNDR22J/KF
ELJNDR27J/KF
ELJNDR33J/KF
ELJNDR39J/KF
ELJNDR47J/KF
ELJNDR56J/KF
ELJNDR68J/KF
ELJNDR82J/KF
ELJND1R0J/KF
s Examples : Type 2012(0805)ND
nH
Tolerance
10
12
15
±10 %
18
22
27
33
39
47
56
68
82
100
120
150
± 5 %
180
±10 %
220
270
330
390
470
560
680
820
1000
Q
min.
10
12
15
8
10
8
3300
3300
3000
3000
2600
2500
2050
2000
1650
1550
1450
1100
800
600
600
600
500
300
200
150
150
100
100
80
80
0.18
0.24
0.24
0.29
0.29
0.34
0.39
0.41
0.46
0.51
0.57
0.63
0.86
0.99
1.47
1.61
1.84
1.95
2.16
2.37
2.56
2.69
3.02
3.38
3.88
540
535
520
480
465
455
395
390
385
360
340
330
285
275
230
195
170
165
160
150
145
140
130
125
120
72
67
73
74
75
73
80
72
71
63
57
56
51
32
36
34
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
s Q-Frequency Characteristics
Type: 2012 (0805) ND
L , Q
Test-Freq.
( MHz)
DCR V2
max.(Ω)
DC Current
max.(mA)
SRF V1
min.(MHz)
Part No.
Inductance
Q
Typical
(800 MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com