Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4077-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
SPECIFICATIONS
analog.com
Rev. F | 5 of 25
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
−40°C < TA < +125°C
−1
+1
nA
Input Voltage Range
−13.8
+13
V
Common-Mode Rejection Ratio
CMRR
VCM = −13.8 V to +13 V
132
150
dB
−40°C < TA < +125°C
130
dB
Large Signal Voltage Gain
Av
ADA4077-1/ADA4077-2 (SOIC, MSOP)
RL = 2 kΩ, VO = −13.0 V to +13.0 V
125
130
dB
−40°C < TA < +125°C
120
dB
ADA4077-4 (SOIC, TSSOP)
RL = 2 kΩ, VO = −13.0 V to +13.0 V
122
130
dB
−40°C < TA < +125°C
120
dB
Input Capacitance
CINDM
Differential mode
3
pF
CINCM
Common mode
5
pF
Input Resistance
RIN
Common mode
70
GΩ
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
13.5
V
−40°C < TA < +125°C
13.2
V
Output Voltage Low
VOL
IL = 1 mA
−13.5
V
−40°C < TA < +125°C
−13.2
V
Output Current
IOUT
VDROPOUT < 1.2 V
±10
mA
Short-Circuit Current
ISC
TA = 25°C
22
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = +1
0.05
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±18 V
123
128
dB
−40°C < TA < +125°C
120
dB
Supply Current per Amplifier
ISY
VO = 0 V
400
500
µA
−40°C < TA < +125°C
650
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
1.2
V/µs
Settling Time to 0.01%
ts
VIN = 10 V p-p, RL = 2 kΩ, AV = −1
16
µs
Settling Time to 0.1%
ts
VIN = 10 V p-p, RL = 2 kΩ, AV = −1
10
µs
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 2 kΩ, AV = +100
3.6
MHz
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 2 kΩ, AV = +1
3.9
MHz
−3 dB Closed-Loop Bandwidth
−3 dB
AV = +1, VIN = 10 mV p-p, RL = 2 kΩ
5.5
MHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 2 kΩ, AV = +1
58
Degrees
Total Harmonic Distortion Plus Noise
THD + N
VIN = 1 V rms, AV = +1, RL = 2 kΩ,
0.004
%
f = 1 kHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.25
µV p-p
Voltage Noise Density
en
f = 1 Hz
13
nV/√Hz
f = 100 Hz
7
nV/√Hz
f = 1000 Hz
6.9
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.2
pA/√Hz
MULTIPLE AMPLIFIERS CHANNEL SEPARATION
CS
f = 1 kHz, RL = 10 kΩ
−125
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com