Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-1ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4077-1ARZ-R7
Description  4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-1ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4077-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4077-1ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADA4077-1/ADA4077-2/ADA4077-4
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. F | 6 of 25
Table 4.
Parameter
Rating
Supply Voltage
36 V
Input Voltage
±VSY
Input Current1
±10 mA
Differential Input Voltage
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Maximum Reflow Temperature (MSL1 Rating)2
260°C
Lead Temperature, Soldering (10 sec)
300°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)3
6 kV
Field Induced Charge Device Model (FICDM)4
1.25 kV
1 The input pins have clamp diodes to the power supply pins and to each other.
Limit the input current to 10 mA or less whenever input signals exceed the
power supply rail by 0.3 V.
2 IPC/JEDEC J-STD-020 applicable standard
3 ESDA/JEDEC JS-001-2011 applicable standard.
4 JESD22-C101 (ESD FICDM standard of JEDEC) applicable standard.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP
190
44
°C/W
8-Lead SOIC
158
43
°C/W
14-Lead TSSOP
240
43
°C/W
14-Lead SOIC
115
36
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com